Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 328 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 324Page - ATMEL Corporation ATmega16U4 Datasheet HTML 325Page - ATMEL Corporation ATmega16U4 Datasheet HTML 326Page - ATMEL Corporation ATmega16U4 Datasheet HTML 327Page - ATMEL Corporation ATmega16U4 Datasheet HTML 328Page - ATMEL Corporation ATmega16U4 Datasheet HTML 329Page - ATMEL Corporation ATmega16U4 Datasheet HTML 330Page - ATMEL Corporation ATmega16U4 Datasheet HTML 331Page - ATMEL Corporation ATmega16U4 Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 408 page
background image
328
7766D–AVR–01/09
ATmega16U4/ATmega32U4
26.7
ATmega16U4/ATmega32U4 Boundary-scan Order
Table 26-3 shows the Scan order between TDI and TDO when the Boundary-scan chain is
selected as data path. Bit 0 is the LSB; the first bit scanned in, and the first bit scanned out. The
scan order follows the pin-out order as far as possible. Therefore, the bits of Port A and Port F is
scanned in the opposite bit order of the other ports. Exceptions from the rules are the Scan
chains for the analog circuits, which constitute the most significant bits of the scan chain regard-
less of which physical pin they are connected to. In Figure 26-3, PXn. Data corresponds to FF0,
PXn. Control corresponds to FF1, PXn. Bit 4, 5, 6 and 7 of Port F is not in the scan chain, since
these pins constitute the TAP pins when the JTAG is enabled. The USB pads are not included in
the boundary-scan.
Table 26-3.
ATmega16U4/ATmega32U4 Boundary-scan Order
Bit Number
Signal Name
Module
88
PE6.Data
Port E
87
PE6.Control
86
PE7.Data
85
PE7.Control
84
PE3.Data
83
PE3.Control
82
PB0.Data
Port B
81
PB0.Control
80
PB1.Data
79
PB1.Control
78
PB2.Data
77
PB2.Control
76
PB3.Data
75
PB3.Control
74
PB4.Data
73
PB4.Control
72
PB5.Data
71
PB5.Control
70
PB6.Data
69
PB6.Control
68
PB7.Data
67
PB7.Control
66
PE4.Data
PORTE
65
PE4.Control
64
PE5.Data
63
PE5.Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com