Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 346 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 346 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 342Page - ATMEL Corporation ATmega16U4 Datasheet HTML 343Page - ATMEL Corporation ATmega16U4 Datasheet HTML 344Page - ATMEL Corporation ATmega16U4 Datasheet HTML 345Page - ATMEL Corporation ATmega16U4 Datasheet HTML 346Page - ATMEL Corporation ATmega16U4 Datasheet HTML 347Page - ATMEL Corporation ATmega16U4 Datasheet HTML 348Page - ATMEL Corporation ATmega16U4 Datasheet HTML 349Page - ATMEL Corporation ATmega16U4 Datasheet HTML 350Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 408 page
background image
346
7766D–AVR–01/09
ATmega16U4/ATmega32U4
27.7.14
ATmega16U4/ATmega32U4 Boot Loader Parameters
In Table 27-8 through Table 27-10, the parameters used in the description of the Self-Program-
ming are given.
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 27-2
Note:
1. For details about these two section, see “NRWW – No Read-While-Write Section” on page
333 and “RWW – Read-While-Write Section” on page 333.
Table 27-8.
Boot Size Configuration (Word Addresses)
(1)
1
1
256 words
4
0x0000 - 0x3EFF
0x3F00 - 0x3FFF
0x3EFF
0x3F00
1
0
512 words
8
0x0000 - 0x3DFF
0x3E00 - 0x3FFF
0x3DFF
0x3E00
0
1
1024 words
16
0x0000 - 0x3BFF
0x3C00 - 0x3FFF
0x3BFF
0x3C00
0
0
2048 words
32
0x0000 - 0x37FF
0x3800 - 0x3FFF
0x37FF
0x3800
1
1
256 words
4
0x0000 - 0x1EFF
0x1F00 - 0x1FFF
0x1EFF
0x1F00
1
0
512 words
8
0x0000 - 0x1DFF
0x1E00 - 0x1FFF
0x1DFF
0x1E00
0
1
1024 words
16
0x0000 - 0x1BFF
0x1C00 - 0x1FFF
0x1BFF
0x1C00
0
0
2048 words
32
0x0000 - 0x17FF
0x1800 - 0x1FFF
0x17FF
0x1800
Table 27-9.
Read-While-Write Limit (Word Addresses)(1)
Device
Section
Pages
Address
ATmega32U4
Read-While-Write section (RWW)
224
0x0000 - 0x37FF
No Read-While-Write section (NRWW)
32
0x3800 - 0x3FFF
ATmega16U4
Read-While-Write section (RWW)
97
0x0000 - 0x17FF
No Read-While-Write section (NRWW)
32
0x1800 - 0x1FFF
Table 27-10. Explanation of different variables used in Figure 27-4 and the mapping to the Z-
pointer
Variable
Corresponding
Z-value(1)
Description
PCMSB
13
Most significant bit in the Program Counter. (The
Program Counter is 14 bits PC[13:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com