Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 351 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 351 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 347Page - ATMEL Corporation ATmega16U4 Datasheet HTML 348Page - ATMEL Corporation ATmega16U4 Datasheet HTML 349Page - ATMEL Corporation ATmega16U4 Datasheet HTML 350Page - ATMEL Corporation ATmega16U4 Datasheet HTML 351Page - ATMEL Corporation ATmega16U4 Datasheet HTML 352Page - ATMEL Corporation ATmega16U4 Datasheet HTML 353Page - ATMEL Corporation ATmega16U4 Datasheet HTML 354Page - ATMEL Corporation ATmega16U4 Datasheet HTML 355Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 408 page
background image
351
7766D–AVR–01/09
ATmega16U4/ATmega32U4
28.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
28.3
Signature Bytes
All ATMEL microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space.
ATmega16U4 Signature Bytes:
1.
0x000: 0x1E (indicates manufactured by ATMEL).
2.
0x001: 0x94 (indicates 16KB Flash memory).
3.
0x002: 0x88 (indicates ATmega16U4 device).
ATmega32U4 Signature Bytes:
1.
0x000: 0x1E (indicates manufactured by ATMEL).
2.
0x001: 0x95 (indicates 32KB Flash memory).
3.
0x002: 0x87 (indicates ATmega32U4 device).
28.4
Calibration Byte
The ATmega16U4/ATmega32U4 has a byte calibration value for the internal RC Oscillator. This
byte resides in the high byte of address 0x000 in the signature address space. During reset, this
byte is automatically written into the OSCCAL Register to ensure correct frequency of the cali-
brated RC Oscillator.
28.5
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega16U4/ATmega32U4. Pulses are
assumed to be at least 250 ns unless otherwise noted.
28.5.1
Signal Names
In this section, some pins of the ATmega16U4/ATmega32U4 are referenced by signal names
describing their functionality during parallel programming, see Figure 28-1 and Table 28-6. Pins
not described in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse.
The bit coding is shown in Table 28-9.
When pulsing WR or OE, the command loaded determines the action executed. The different
commands are shown in Table 28-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com