Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15MZ Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATtiny167-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MZ Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATtiny167-15MZ Datasheet HTML 42Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 43Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 44Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 45Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 46Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 47Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 48Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 49Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 282 page
background image
46
7728D–AVR–07/09
ATtiny87/ATtiny167
5.8.6
Watchdog Timer
If the Watchdog Timer is not needed in the application, the module should be turned off. If the
Watchdog Timer is enabled, it will be enabled in all sleep modes and hence always consume
power. In the deeper sleep modes, this will contribute significantly to the total current con-
sumption. Refer to Section 6.3 “Watchdog Timer” on page 53 for details on how to configure
the Watchdog Timer.
5.8.7
Port Pins
When entering a sleep mode, all port pins should be configured to use minimum power. The
most important is then to ensure that no pins drive resistive loads. In sleep modes where both
the I/O clock (clk
I/O) and the ADC clock (clkADC) are stopped, the input buffers of the device will
be disabled. This ensures that no power is consumed by the input logic when not needed. In
some cases, the input logic is needed for detecting wake-up conditions, and it will then be
enabled. Refer to the section Section 9.2.6 “Digital Input Enable and Sleep Modes” on page
72 for details on which pins are enabled. If the input buffer is enabled and the input signal is
left floating or have an analog signal level close to Vcc/2, the input buffer will use excessive
power.
For analog input pins, the digital input buffer should be disabled at all times. An analog signal
level close to Vcc/2 on an input pin can cause significant current even in active mode. Digital
input buffers can be disabled by writing to the Digital Input Disable Registers (DIDR1 and
DIDR0). Refer to Section 17.11.6 “DIDR1 – Digital Input Disable Register 1” on page 210 and
Section 17.11.5 “DIDR0 – Digital Input Disable Register 0” on page 209 for details.
5.8.8
On-chip Debug System
If the On-chip debug system is enabled by the DWEN Fuse and the chip enters sleep mode,
the main clock source is enabled and hence always consumes power. In the deeper sleep
modes, this will contribute significantly to the total current consumption.
5.9
Register Description
5.9.1
SMCR – Sleep Mode Control Register
The Sleep Mode Control Register contains control bits for power management.
• Bits 7..3 Res: Reserved Bits
These bits are unused bits in the ATtiny87/167, and will always read as zero.
• Bits 2..1 – SM1..0: Sleep Mode Select Bits 1, and 0
These bits select between the four available sleep modes as shown in Table 5-2.
Bit
7
654321
0
–
––––
SM1
SM0
SE
SMCR
Read/Write
RRR
RR
R/W
R/W
R/W
Initial Value
0
000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com