Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 134Page - ATMEL Corporation ATmega16M1 Datasheet HTML 135Page - ATMEL Corporation ATmega16M1 Datasheet HTML 136Page - ATMEL Corporation ATmega16M1 Datasheet HTML 137Page - ATMEL Corporation ATmega16M1 Datasheet HTML 138Page - ATMEL Corporation ATmega16M1 Datasheet HTML 139Page - ATMEL Corporation ATmega16M1 Datasheet HTML 140Page - ATMEL Corporation ATmega16M1 Datasheet HTML 141Page - ATMEL Corporation ATmega16M1 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 365 page
background image
138
7647F–AVR–04/09
ATmega16/32/64/M1/C1
The PSC is based on the use of a free-running 12-bit counter (PSC counter). This counter is
able to count up to a top value determined by the contents of POCR_RB register and then
according to the selected running mode, count down or reset to zero for another cycle.
As can be seen from the block diagram Figure 14-1, the PSC is composed of 3 modules.
Each of the 3 PSC modules can be seen as two symetrical entities. One entity named part A
which generates the output PSCOUTnA and the second one named part B which generates the
PSCOUTnB output.
Each module has its own PSC Input circuitry which manages the corresponding input.
14.5
Functional Description
14.5.1
Generation of Control Waveforms
In general, the drive of a 3 phase motor requires the generation of 6 PWM signals. The duty
cycle of these signals must be independently controlled to adjust the speed or torque of the
motor or to produce the wanted waveform on the 3 voltage lines (trapezoidal, sinusoidal...)
In case of cross conduction or overtemperature, having inputs which can immediately disable
the waveform generator’s outputs is desirable.
These considerations are common for many systems which require PWM signals to drive power
systems such as lighting, DC/DC converters...
14.5.2
Waveform Cycles
Each of the 3 modules has 2 waveform generators which jointly compose the output signal.
The first part of the waveform is relative to part A or PSCOUTnA output. This waveform corre-
sponds to sub-cycle A in the following figure.
The second part of the waveform is relative to part B or PSCOUTnB output. This waveform cor-
responds to sub-cycle B in the following figure.
The complete waveform is terminated at the end of the sub-cycle B, whereupon any changes to
the settings of the waveform generator registers will be implemented, for the next cycle.
The PSC can be configured in one of two modes (1Ramp Mode or Centered Mode). This config-
uration will affect the operation of all the waveform generators.
Figure 14-2. Cycle Presentation in One Ramp Mode
Sub-Cycle A
Sub-Cycle B
One PSC Cycle
UPDATE
PSC Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com