Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 142 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 138Page - ATMEL Corporation ATmega16M1 Datasheet HTML 139Page - ATMEL Corporation ATmega16M1 Datasheet HTML 140Page - ATMEL Corporation ATmega16M1 Datasheet HTML 141Page - ATMEL Corporation ATmega16M1 Datasheet HTML 142Page - ATMEL Corporation ATmega16M1 Datasheet HTML 143Page - ATMEL Corporation ATmega16M1 Datasheet HTML 144Page - ATMEL Corporation ATmega16M1 Datasheet HTML 145Page - ATMEL Corporation ATmega16M1 Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 365 page
background image
142
7647F–AVR–04/09
ATmega16/32/64/M1/C1
Note that in center aligned mode, POCRnRAH/L is not required (as it is in one-ramp mode) to
control PSC Output waveform timing. This allows POCRnRAH/L to be freely used to adjust ADC
synchronization (See “Analog Synchronization” on page 149.).
Figure 14-7. Controlled Start and Stop Mechanism in Centered Mode
Note:
See “PSC Control Register – PCTL” on page 154.(PCCYC = 1)
14.6
Update of Values
To avoid unasynchronous and incoherent values in a cycle, if an update of one of several values
is necessary, all values are updated at the same time at the end of the cycle by the PSC. The
new set of values is calculated by sofware and the update is initiated by software.
Figure 14-8. Update at the end of complete PSC cycle.
The software can stop the cycle before the end to update the values and restart a new PSC
cycle.
PSCOUTnA
PSCOUTnB
PSC Counter
POCRnRB
POCRnSA
POCRnSB
0
Run
Software
PSC
Regulation Loop
Calculation
Writting in
PSC Registers
Cycle
With Set i
Cycle
With Set i
Cycle
With Set i
Cycle
With Set i
Cycle
With Set j
End of Cycle
Request for
an Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com