Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 145 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 141Page - ATMEL Corporation ATmega16M1 Datasheet HTML 142Page - ATMEL Corporation ATmega16M1 Datasheet HTML 143Page - ATMEL Corporation ATmega16M1 Datasheet HTML 144Page - ATMEL Corporation ATmega16M1 Datasheet HTML 145Page - ATMEL Corporation ATmega16M1 Datasheet HTML 146Page - ATMEL Corporation ATmega16M1 Datasheet HTML 147Page - ATMEL Corporation ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 365 page
background image
145
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.8.1
Input Description
Table 14-1.
Internal Inputs
Table 14-2.
Block Inputs
14.8.2
Output Description
Table 14-3.
Block Outputs
Table 14-4.
Internal Outputs
Note:
1. See “Analog Synchronization” on page 149.
Name
Description
Type
Width
POCR_RB[11:0]
Compare Value which Reset Signal on Part B (PSCOUTnB)
Register
12 bits
POCRnSB[11:0]
Compare Value which Set Signal on Part B (PSCOUTnB)
Register
12 bits
POCRnRA[11:0]
Compare Value which Reset Signal on Part A (PSCOUTnA)
Register
12 bits
POCRnSA[11:0]
Compare Value which Set Signal on Part A (PSCOUTnA)
Register
12 bits
CLK I/O
Clock Input from I/O clock
Signal
CLK PLL
Clock Input from PLL
Signal
AC0O
Analog Comparator 0 Output
Signal
AC1O
Analog Comparator 1 Output
Signal
AC2O
Analog Comparator 2 Output
Signal
Name
Description
Type
Width
PSCIN0
Input 0 used for Fault function
Signal
PSCIN1
Input 1 used for Fault function
Signal
PSCIN2
Input 2 used for Fault function
Signal
Name
Description
Type
Width
PSCOUT0A
PSC Module 0 Output A
Signal
PSCOUT0B
PSC Module 0 Output B
Signal
PSCOUT1A
PSC Module 1 Output A
Signal
PSCOUT1B
PSC Module 1 Output B
Signal
PSCOUT2A
PSC Module 2 Output A
Signal
PSCOUT2B
PSC Module 2 Output B
Signal
Name
Description
Type
Width
IRQPSCn
PSC Interrupt Request : two souces, overflow, fault
Signal
PSCASY
ADC Synchronization (+ Amplifier Syncho. )(1)
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com