Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 146 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 142Page - ATMEL Corporation ATmega16M1 Datasheet HTML 143Page - ATMEL Corporation ATmega16M1 Datasheet HTML 144Page - ATMEL Corporation ATmega16M1 Datasheet HTML 145Page - ATMEL Corporation ATmega16M1 Datasheet HTML 146Page - ATMEL Corporation ATmega16M1 Datasheet HTML 147Page - ATMEL Corporation ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 365 page
background image
146
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.9
PSC Input
For detailed information on the PSC, please refer to Application Note ‘AVR138: PSC Cookbook’,
available on the Atmel web site.
Each module 0, 1 and 2 of PSC has its own system to take into account one PSC input. Accord-
ing to PSC Module n Input Control Register (See “PSC Module n Input Control Register –
PMICn” on page 155.), PSCINn input can act has a Retrigger or Fault input.
Each block A or B is also configured by this PSC Module n Input Control Register (PMICn).
Figure 14-10. PSC Input Module
14.9.1
PSC Input Configuration
The PSC Input Configuration is done by programming bits in configuration registers.
14.9.1.1
Filter Enable
If the “Filter Enable” bit is set, a digital filter of 4 cycles is inserted before evaluation of the signal.
The disable of this function is mainly needed for prescaled PSC clock sources, where the noise
cancellation gives too high latency.
Important: If the digital filter is active, the level sensitivity is true also with a disturbed PSC clock
to deactivate the outputs (emergency protection of external component). Likewise when used as
fault input, PSC Module n Input A or Input B have to go through PSC to act on PSCOUTn0/1/2
outputs. This way needs that CLK
PSC is running. So thanks to PSC Asynchronous Output Con-
trol bit (PAOCnA/B), PSCINn input can desactivate directly the PSC outputs. Notice that in this
case, input is still taken into account as usually by Input Module System as soon as CLK
PSC is
running.
Analog
Comparator
n Output
PSCINn
Digital
Filter
PISELnA
(PISELnB)
PFLTEnA
(PFLTEnB)
PAOCnA
(PAOCnB)
Input
Processing
(retriggering ...)
PSC Core
(Counter,
Waveform
Generator, ...)
Control
of the
6 outputs
1
0
0
1
PSCOUTnA
PSCOUTnB
CLK PSC
CLK PSC
CLK PSC
PELEVnA /
(PELEVnB)
PRFMnA3:0
(PRFMnB3:0)
PCAEnA
(PCAEnB)
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com