Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 146Page - ATMEL Corporation ATmega16M1 Datasheet HTML 147Page - ATMEL Corporation ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 365 page
background image
150
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.15 Interrupts
Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in
ATmega16/32/64/M1/C1.
14.15.1
Interrupt Vector
PSC provides 2 interrupt vectors:
• PSC_End (End of Cycle): When enabled and when a match with POCR_RB occurs
• PSC_Fault (Fault Event): When enabled and when a PSC input detects a Fault event.
14.15.2
PSC Interrupt Vectors in ATmega16/32/64/M1/C1
Table 14-6.
Output Clock versus Selection and Prescaler
PCLKSELn
PPREn1
PPREn0
CLKPSCn output
000CLK I/O
001CLK I/O / 4
010CLK I/O / 32
011CLK I/O / 256
100CLK PLL
101CLK PLL / 4
110CLK PLL / 32
111CLK PLL / 256
Table 14-7.
PSC Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
--
-
-
5
0x0004
PSC_Fault
PSC Fault event
6
0x0005
PSC_End
PSC End of Cycle
--
-
-
--
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com