Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 152 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation ATmega16M1 Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 365 page
background image
152
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.16.2
PSC Synchro Configuration – PSYNC
• Bit 7 – not use
not use
• Bit 6 – not use
not use
• Bit 5:4 – PSYNC21:0: Synchronization Out for ADC Selection
Select the polarity and signal source for generating a signal which will be sent from module 2 to
the ADC for synchronization
• Bit 3:2 – PSYNC11:0: Synchronization Out for ADC Selection
Select the polarity and signal source for generating a signal which will be sent from module 1 to
the ADC for synchronization
• Bit 1:0 – PSYNC01:0: Synchronization Out for ADC Selection
Select the polarity and signal source for generating a signal which will be sent from module 0 to
the ADC for synchronization.
Bit
7
654
3
2
1
0
-
-
PSYNC21
PSYNC20
PSYNC11
PSYNC10
PSYNC01
PSYNC00
PSYNC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 14-8.
Synchronization Source Description in One Ramp Mode
PSYNCn1
PSYNCn0
Description
0
0
Send signal on leading edge of PSCOUTnA(match with OCRnSA)
01
Send signal on trailing edge of PSCOUTnA(match with OCRnRA or
fault/retrigger on part A)
1
0
Send signal on leading edge of PSCOUTnB (match with OCRnSB)
11
Send signal on trailing edge of PSCOUTnB (match with OCRnRB or
fault/retrigger on part B)
Table 14-9.
Synchronization Source Description in Centered Mode
PSYNCn1
PSYNCn0
Description
00
Send signal on match with OCRnRA (during counting down of PSC). The
min value of OCRnRA must be 1.
01
Send signal on match with OCRnRA (during counting up of PSC). The
min value of OCRnRA must be 1.
1
0
no synchronization signal
1
1
no synchronization signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com