Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 156 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation ATmega16M1 Datasheet HTML 156Page - ATMEL Corporation ATmega16M1 Datasheet HTML 157Page - ATMEL Corporation ATmega16M1 Datasheet HTML 158Page - ATMEL Corporation ATmega16M1 Datasheet HTML 159Page - ATMEL Corporation ATmega16M1 Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 365 page
background image
156
7647F–AVR–04/09
ATmega16/32/64/M1/C1
Table 14-12. Input Mode Operation
14.16.10 PSC Interrupt Mask Register – PIM
• Bit 7:4 – not use
not use.
• Bit 3 – PEVE2 : PSC External Event 2 Interrupt Enable
When this bit is set, an external event which can generates a a fault on module 2 generates also
an interrupt.
• Bit 2 – PEVE1 : PSC External Event 1 Interrupt Enable
When this bit is set, an external event which can generates a fault on module 1 generates also
an interrupt.
• Bit 1 – PEVE0 : PSC External Event 0 Interrupt Enable
When this bit is set, an external event which can generates a fault on module 0 generates also
an interrupt.
• Bit 0 – PEOPE : PSC End Of Cycle Interrupt Enable
When this bit is set, an interrupt is generated when PSC reaches the end of the whole cycle.
PRFMn2:0
Description
000b
No action, PSC Input is ignored
001b
Disactivate module n Outputs A
010b
Disactivate module n Output B
011b
Disactivate module n Output A & B
10x
Disactivate all PSC Output
11xb
Halt PSC and Wait for Software Action
Bit
7
654
3
2
1
0
-
-
-
-
PEVE2
PEVE1
PEVE0
PEOPE
PIM
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com