Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 153 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation ATmega16M1 Datasheet HTML 156Page - ATMEL Corporation ATmega16M1 Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 365 page
background image
153
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.16.3
PSC Output Compare SA Register – POCRnSAH and POCRnSAL
14.16.4
PSC Output Compare RA Register – POCRnRAH and POCRnRAL
14.16.5
PSCOutput Compare SB Register – POCRnSBH and POCRnSBL
14.16.6
PSC Output Compare RB Register – POCR_RBH and POCR_RBL
Note:
n = 0 to 2 according to module number.
The Output Compare Registers RA, RB, SA and SB contain a 12-bit value that is continuously
compared with the PSC counter value. A match can be used to generate an Output Compare
interrupt, or to generate a waveform output on the associated pin.
The Output Compare Registers are 16bit and 12-bit in size. To ensure that both the high and low
bytes are written simultaneously when the CPU writes to these registers, the access is per-
formed using an 8-bit temporary high byte register (TEMP). This temporary register is shared by
all the other 16-bit registers.
14.16.7
PSC Configuration Register – PCNF
• Bit 7:6 - not use
not use
• Bit 5 – PULOCK: PSC Update Lock
When this bit is set, the Output Compare Registers POCRnRA, POCRnSA, POCRnSB,
POCR_RB and the PSC Output Configuration Registers POC can be written without disturbing
the PSC cycles. The update of the PSC internal registers will be done if the PULOCK bit is
released to zero.
Bit
76543210
––––
POCRnSA[11:8]
POCRnSAH
POCRnSA[7:0]
POCRnSAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
––––
POCRnRA[11:8]
POCRnRAH
POCRnRA[7:0]
POCRnRAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
––––
POCRnSB[11:8]
POCRnSBH
POCRnSB[7:0]
OCRnSBL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
––––
POCRnRB[11:8]
POCR_RBH
POCRnRB[7:0]
POCR_RBL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
654
3
2
1
0
-
-
PULOCK
PMODE
POPB
POPA
-
-
PCNF
Read/Write
R
R
R/W
R/W
R/W
R/W
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com