Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation ATmega16M1 Datasheet HTML 156Page - ATMEL Corporation ATmega16M1 Datasheet HTML 157Page - ATMEL Corporation ATmega16M1 Datasheet HTML 158Page - ATMEL Corporation ATmega16M1 Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 365 page
background image
155
7647F–AVR–04/09
ATmega16/32/64/M1/C1
• Bit 4:3:2 – SWAPn: SWAP Funtion Select (not implemented in ATmega32M1 up to
revision C)
When this bit is set; the channels PSCOUTnA and PSCOUTnB are exchanged. This allows to
invert the waveforms of both channels at one time.
• Bit 1 – PCCYC: PSC Complete Cycle
When this bit is set, the PSC completes the entire waveform cycle before halt operation
requested by clearing PRUN.
• Bit 0 – PRUN : PSC Run
Writing this bit to one starts the PSC.
14.16.9
PSC Module n Input Control Register – PMICn
The Input Control Registers are used to configure the 2 PSC’s Retrigger/Fault block A & B. The
2 blocks are identical, so they are configured on the same way.
• Bit 7 – POVENn : PSC Module n Overlap Enable
Set this bit to disactivate the Overlap Protection. See the Section “Overlap Protection”,
page 143.
• Bit 6 – PISELn : PSC Module n Input Select
Clear this bit to select PSCINn as module n input.
Set this bit to select Comparator n output as module n input.
• Bit 5 –PELEVn : PSC Module n Input Level Selector
When this bit is clear, the low level of selected input generates the significative event for fault
function.
When this bit is set, the high level of selected input generates the significative event for fault
function.
• Bit 4 – PFLTEn : PSC Module n Input Filter Enable
Setting this bit (to one) activates the Input Noise Canceler. When the noise canceler is activated,
the input from the input pin is filtered. The filter function requires four successive equal valued
samples of the input pin for changing its output. The Input is therefore delayed by four oscillator
cycles when the noise canceler is enabled.
• Bit 3 – PAOCn : PSC Module n 0 Asynchronous Output Control
When this bit is clear, Fault input can act directly to PSC module n outputs A & B. See
Section “PSC Input Configuration”, page 146.
• Bit 2:0 – PRFMn2:0: PSC Module n Input Mode
These three bits define the mode of operation of the PSC inputs.
Bit
7
654
3
2
1
0
POVENn
PISELn
PELEVn
PFLTEn
PAOCn
PRFMn2
PRFMn1
PRFMn0
PMICn
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com