Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 154 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation ATmega16M1 Datasheet HTML 156Page - ATMEL Corporation ATmega16M1 Datasheet HTML 157Page - ATMEL Corporation ATmega16M1 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 365 page
background image
154
7647F–AVR–04/09
ATmega16/32/64/M1/C1
• Bit 4 – PMODE PSC Mode
Select the mode of PSC.
• Bit 3 – POPB: PSC B Output Polarity
If this bit is cleared, the PSC outputs B are active Low.
If this bit is set, the PSC outputs B are active High.
• Bit 2 – POPA: PSC A Output Polarity
If this bit is cleared, the PSC outputs A are active Low.
If this bit is set, the PSC outputs A are active High.
• Bit 1:0 – not use
not use
14.16.8
PSC Control Register – PCTL
• Bit 7:6 – PPRE1:0 : PSC Prescaler Select
This two bits select the PSC input clock division factor. All generated waveform will be modified
by this factor.
• Bit 5 – PCLKSEL: PSC Input Clock Select
This bit is used to select between CLK
PLL or CLKIO clocks.
Set this bit to select the fast clock input (CLK
PLL).
Clear this bit to select the slow clock input (CLK
IO).
Table 14-10. PSC Mode Selection
PMODE
Description
0
One Ramp Mode (Edge Aligned)
1
Center Aligned Mode
Bit
7
654
3
2
1
0
PPRE1
PPRE0
PCLKSEL
SWAP2
SWAP1
SWAP0
PCCYC
PRUN
PCTL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 14-11. PSC Prescaler Selection
PPRE1
PPRE0
Description
0
0
No divider on PSC input clock
0
1
Divide the PSC input clock by 4
1
0
Divide the PSC input clock by 32
1
1
Divide the PSC clock by 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com