Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 151 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 147Page - ATMEL Corporation ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation ATmega16M1 Datasheet HTML 154Page - ATMEL Corporation ATmega16M1 Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 365 page
background image
151
7647F–AVR–04/09
ATmega16/32/64/M1/C1
14.16 PSC Register Definition
Registers are explained for PSC module 0. They are identical for module 1 and module 2.
14.16.1
PSC Output Configuration – POC
• Bit 7 – not use
not use
• Bit 6 – not use
not use
• Bit 5 – POEN2B: PSC Output 2B Enable
When this bit is clear, I/O pin affected to PSCOUT2B acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT2B is connected to the PSC module 2 waveform
generator B output and is set and clear according to the PSC operation.
• Bit 4 – POEN2A: PSC Output 2A Enable
When this bit is clear, I/O pin affected to PSCOUT2A acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT2A is connected to the PSC module 2 waveform
generator A output and is set and clear according to the PSC operation.
• Bit 3 – POEN1B: PSC Output 1B Enable
When this bit is clear, I/O pin affected to PSCOUT1B acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT1B is connected to the PSC module 1 waveform
generator B output and is set and clear according to the PSC operation.
• Bit 2 – POEN1A: PSC Output 1A Enable
When this bit is clear, I/O pin affected to PSCOUT1A acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT1A is connected to the PSC module 1 waveform
generator A output and is set and clear according to the PSC operation.
• Bit 1 – POEN0B: PSC Output 0B Enable
When this bit is clear, I/O pin affected to PSCOUT0B acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT0B is connected to the PSC module 0 waveform
generator B output and is set and clear according to the PSC operation.
• Bit 0 – POEN0A: PSC Output 0A Enable
When this bit is clear, I/O pin affected to PSCOUT0A acts as a standard port.
When this bit is set, I/O pin affected to PSCOUT0A is connected to the PSC module 0 waveform
generator A output and is set and clear according to the PSC operation.
Bit
7
654
3
2
1
0
-
-
POEN2B
POEN2A
POEN1B
POEN1A
POEN0B
POEN0A
POC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com