Electronic Components Datasheet Search
  English  ▼

X  

ATmega16M1 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 145Page - ATMEL Corporation ATmega16M1 Datasheet HTML 146Page - ATMEL Corporation ATmega16M1 Datasheet HTML 147Page - ATMEL Corporation ATmega16M1 Datasheet HTML 148Page - ATMEL Corporation ATmega16M1 Datasheet HTML 149Page - ATMEL Corporation ATmega16M1 Datasheet HTML 150Page - ATMEL Corporation ATmega16M1 Datasheet HTML 151Page - ATMEL Corporation ATmega16M1 Datasheet HTML 152Page - ATMEL Corporation ATmega16M1 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 365 page
background image
149
7647F–AVR–04/09
ATmega16/32/64/M1/C1
Used in Fault mode 7, PSCn Input A or PSCn Input B act indifferently on On-Time0/Dead-Time0
or on On-Time1/Dead-Time1.
14.12 Analog Synchronization
Each PSC module generates a signal to synchronize the ADC sample and hold; synchronisation
is mandatory for measurements.
This signal can be selected between all falling or rising edge of PSCOUTnA or PSCOUTnB
outputs.
In center aligned mode, OCRnRAH/L is not used, so it can be used to specified the synchroniza-
tion of the ADC. It this case, it’s minimum value is 1.
14.13 Interrupt Handling
As each PSC module can be dedicated for one function, each PSC has its own interrupt system
(vector ...)
List of interrupt sources:
• Counter reload (end of On Time 1)
• PSC Input event (active edge or at the beginning of level configured event)
• PSC Mutual Synchronization Error
14.14 PSC Clock Sources
Each PSC has two clock inputs:
• CLK PLL from the PLL
•CLK I/O
Figure 14-15. Clock selection
PCLKSELn bit in PSC Control Register (PCTL) is used to select the clock source.
PPREn1/0 bits in PSC Control Register (PCTL) are used to select the divide factor of the clock.
CLK
CLK PSCn
CLK
PLL
I/O
PRESCALER
CK
PPREn1/0
PCLKSEL
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com