Electronic Components Datasheet Search
  English  ▼

X  

ATmega8U2-MU Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATmega8U2-MU
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 48Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 49Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 50Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 51Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 52Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 53Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 54Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 55Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 314 page
background image
52
7799B–AVR–07/09
ATmega8U2/16U2/32U2
when the counter reaches a given time-out value. The WDT gives an interrupt or a system reset
when the counter reaches two times the given time-out value. In normal operation mode, it is
required that the system uses the WDR - Watchdog Timer Reset - instruction to restart the coun-
ter before the time-out value is reached. If the system doesn't restart the counter, an interrupt or
system reset will be issued.
Figure 10-8. Watchdog Timer
In Interrupt mode, the WDT gives an interrupt when the timer expires two times. This interrupt
can be used to wake the device from sleep-modes, and also as a general system timer. One
example is to limit the maximum time allowed for certain operations, giving an interrupt when the
operation has run longer than expected.
In System Reset mode, the WDT gives a reset when the timer expires two times. This is typically
used to prevent system hang-up in case of runaway code.
The third mode, Interrupt and System Reset mode, combines the other two modes by first giving
an interrupt and then switch to System Reset mode. This mode will for instance allow a safe
shutdown by saving critical parameters before a system reset.
In addition to these modes, the early warning interrupt can be enabled in order to generate an
interrupt when the WDT counter expires the first time.
The Watchdog always on (WDTON) fuse, if programmed, will force the Watchdog Timer to Sys-
tem Reset mode. With the fuse programmed the System Reset mode bit (WDE) and Interrupt
mode bit (WDIE) are locked to 1 and 0 respectively. To further ensure program security, altera-
tions to the Watchdog set-up must follow timed sequences. The sequence for clearing WDE or
changing time-out configuration is as follows:
1.
In the same operation, write a logic one to the Watchdog change enable bits WDCE
and WDE. A logic one must be written to WDE regardless of the previous value of the
WDE bit and even if it will be cleared after the operation.
2.
Within the next four clock cycles, write the WDE and Watchdog prescaler bits (WDP) as
desired, but with the WDCE bit cleared. This must be done in one operation.
128kHz
OSCILLATOR
WDP0
WDP1
WDP2
WDP3
WATCHDOG
RESET
WDE
WDIF
WDIE
WDEWIE
MCU RESET
INTERRUPT
EARLY WARNING
INTERRUPT
CLOCK
DIVIDER
OSC/1
OSC/3
OSC/5
OSC/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com