Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 184 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 180Page - ATMEL Corporation ATmega328P Datasheet HTML 181Page - ATMEL Corporation ATmega328P Datasheet HTML 182Page - ATMEL Corporation ATmega328P Datasheet HTML 183Page - ATMEL Corporation ATmega328P Datasheet HTML 184Page - ATMEL Corporation ATmega328P Datasheet HTML 185Page - ATMEL Corporation ATmega328P Datasheet HTML 186Page - ATMEL Corporation ATmega328P Datasheet HTML 187Page - ATMEL Corporation ATmega328P Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 345 page
background image
184
7810A–AVR–11/09
ATmega328P [Preliminary]
The following equations can be used to calculate the ratio of the incoming data rate and internal
receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit)
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for Double Speed
mode.
S
F
First sample number used for majority voting. S
F = 8 for normal speed and
S
F = 4 for Double Speed mode.
S
M
Middle sample number used for majority voting. S
M = 9 for normal speed and
S
M = 5 for Double Speed mode.
R
slow
is the ratio of the slowest incoming data rate that can be accepted in relation to
the receiver baud rate. R
fast is the ratio of the fastest incoming data rate that can
be accepted in relation to the receiver baud rate.
Table 19-2 on page 184 and Table 19-3 on page 185 list the maximum receiver baud rate error
that can be tolerated. Note that Normal Speed mode has higher toleration of baud rate
variations.
Table 19-2.
Recommended Maximum Receiver Baud Rate Error for Normal Speed Mode
(U2Xn = 0)
D
# (Data+Parity Bit)
R
slow (%)
R
fast (%)
Max Total Error (%)
Recommended Max
Receiver Error (%)
5
93.20
106.67
+6.67/-6.8
± 3.0
6
94.12
105.79
+5.79/-5.88
± 2.5
7
94.81
105.11
+5.11/-5.19
± 2.0
8
95.36
104.58
+4.58/-4.54
± 2.0
9
95.81
104.14
+4.14/-4.19
± 1.5
10
96.17
103.78
+3.78/-3.83
± 1.5
Rslow
D 1
+
()S
S 1
–
DS
⋅
SF
++
---------------------------------------------
=
Rfast
D 2
+
()S
D 1
+
()SSM
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com