Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 323 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 323 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 319Page - ATMEL Corporation ATmega328P Datasheet HTML 320Page - ATMEL Corporation ATmega328P Datasheet HTML 321Page - ATMEL Corporation ATmega328P Datasheet HTML 322Page - ATMEL Corporation ATmega328P Datasheet HTML 323Page - ATMEL Corporation ATmega328P Datasheet HTML 324Page - ATMEL Corporation ATmega328P Datasheet HTML 325Page - ATMEL Corporation ATmega328P Datasheet HTML 326Page - ATMEL Corporation ATmega328P Datasheet HTML 327Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 345 page
background image
323
7810A–AVR–11/09
ATmega328P [Preliminary]
29.1.6
BOD Threshold
Figure 29-15. BOD Thresholds vs. Temperature (BODLEVEL is 2.7 V).
Figure 29-16. BOD Thresholds vs. Temperature (BODLEVEL is 4.3 V).
BOD THRESHOLDS vs. TEMPERATURE
BOD LEV EL IS 2.7 V
2.4
2.5
2.6
2.7
2.8
2.9
3
-60
-5 0 - 40
-30 - 20
-10
0
1 0
20
30
40
50
6 0
70
8 0
90
100 110 1 20 130 14 0
Te mp eratur e ( C)
1
0
BOD THRESHOLDS vs. TEMPERATURE
BOD LEV EL IS 4.3 V
4
4.1
4.2
4.3
4.4
4.5
4.6
-60
-5 0 - 40
-30 - 20
-10
0
1 0
20
30
40
50
6 0
70
8 0
90
100 110 1 20 130 14 0
Te mp eratur e ( C)
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com