Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 324 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 324 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 320Page - ATMEL Corporation ATmega328P Datasheet HTML 321Page - ATMEL Corporation ATmega328P Datasheet HTML 322Page - ATMEL Corporation ATmega328P Datasheet HTML 323Page - ATMEL Corporation ATmega328P Datasheet HTML 324Page - ATMEL Corporation ATmega328P Datasheet HTML 325Page - ATMEL Corporation ATmega328P Datasheet HTML 326Page - ATMEL Corporation ATmega328P Datasheet HTML 327Page - ATMEL Corporation ATmega328P Datasheet HTML 328Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 345 page
background image
324
7810A–AVR–11/09
ATmega328P [Preliminary]
29.1.7
Internal Oscilllator Speed
Figure 29-17. Watchdog Oscillator Frequency vs. Temperature..
Figure 29-18. Calibrated 8 MHz RC Oscillator Frequency vs. Temperature
W ATCHDOG OSCILLATOR FREQUENCY vs. TEMPERATURE
80
90
100
110
120
130
140
150
160
- 40
-30
-20
- 10
0
102030
4050
60
708090
100
1 10
120
Temper atur e
5.5
5
4.5
3.3
3
2.7
CALIBRATED XXXMHz RC OSCILLATOR FREQUENCY vs. TEMPERATURE
100 00 Cy cles s ample d w ith 250n S
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
-45
- 35
- 25
-1 5
- 5
5
1525
3 5
455565
7 58595
105
115
125
Temper atur e
5.5
5
4.5
3.3
3
2.7
8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com