Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 328 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 324Page - ATMEL Corporation ATmega328P Datasheet HTML 325Page - ATMEL Corporation ATmega328P Datasheet HTML 326Page - ATMEL Corporation ATmega328P Datasheet HTML 327Page - ATMEL Corporation ATmega328P Datasheet HTML 328Page - ATMEL Corporation ATmega328P Datasheet HTML 329Page - ATMEL Corporation ATmega328P Datasheet HTML 330Page - ATMEL Corporation ATmega328P Datasheet HTML 331Page - ATMEL Corporation ATmega328P Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 345 page
background image
328
7810A–AVR–11/09
ATmega328P [Preliminary]
(0x7D)
Reserved
–
–
–
–
–
–
–
–
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
–
MUX3
MUX2
MUX1
MUX0
256
(0x7B)
ADCSRB
–ACME
–
–
–
ADTS2
ADTS1
ADTS0
259
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
257
(0x79)
ADCH
ADC Data Register High byte
259
(0x78)
ADCL
ADC Data Register Low byte
259
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
TIMSK2
–
–
–
–
–
OCIE2B
OCIE2A
TOIE2
155
(0x6F)
TIMSK1
–
–ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
131
(0x6E)
TIMSK0
–
–
–
–
–
OCIE0B
OCIE0A
TOIE0
102
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
65
(0x6C)
PCMSK1
–
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
65
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
65
(0x6A)
Reserved
–
–
–
–
–
–
–
–
(0x69)
EICRA
–
–
–
–ISC11
ISC10
ISC01
ISC00
62
(0x68)
PCICR
–
–
–
–
–
PCIE2
PCIE1
PCIE0
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
OSCCAL
Oscillator Calibration Register
35
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
PRR
PRTWI
PRTIM2
PRTIM0
–
PRTIM1
PRSPI
PRUSART0
PRADC
40
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
35
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
53
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
10
0x3E (0x5E)
SPH
–
–
–
–
–
(SP10) 5.
SP9
SP8
12
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
–
–
–
–
–
–
–
–
0x3B (0x5B)
Reserved
–
–
–
–
–
–
–
–
0x3A (0x5A)
Reserved
–
–
–
–
–
–
–
–
0x39 (0x59)
Reserved
–
–
–
–
–
–
–
–
0x38 (0x58)
Reserved
–
–
–
–
–
–
–
–
0x37 (0x57)
SPMCSR
SPMIE
(RWWSB)5.
–
(RWWSRE)5.
BLBSET
PGWRT
PGERS
SELFPRGEN
284
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
–
BODS
BODSE
PUD
–
–
IVSEL
IVCE
42/59/84
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
53
0x33 (0x53)
SMCR
–
–
–
–SM2
SM1
SM0
SE
38
0x32 (0x52)
Reserved
–
–
–
–
–
–
–
–
0x31 (0x51)
Reserved
–
–
–
–
–
–
–
–
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
239
0x2F (0x4F)
Reserved
–
–
–
–
–
–
–
–
0x2E (0x4E)
SPDR
SPI Data Register
166
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–
SPI2X
166
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
164
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
24
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
24
0x29 (0x49)
Reserved
–
–
–
–
–
–
–
–
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
0x26 (0x46)
TCNT0
Timer/Counter0 (8-bit)
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
–
–
WGM02
CS02
CS01
CS00
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–
–WGM01
WGM00
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
PSRASY
PSRSYNC
135/157
0x22 (0x42)
EEARH
(EEPROM Address Register High Byte) 5.
20
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
20
0x20 (0x40)
EEDR
EEPROM Data Register
20
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com