Electronic Components Datasheet Search
  English  ▼

X  

M62364GP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62364GP
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364GP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62364GP Datasheet HTML 1Page - Renesas Technology Corp M62364GP Datasheet HTML 2Page - Renesas Technology Corp M62364GP Datasheet HTML 3Page - Renesas Technology Corp M62364GP Datasheet HTML 4Page - Renesas Technology Corp M62364GP Datasheet HTML 5Page - Renesas Technology Corp M62364GP Datasheet HTML 6Page - Renesas Technology Corp M62364GP Datasheet HTML 7Page - Renesas Technology Corp M62364GP Datasheet HTML 8Page - Renesas Technology Corp M62364GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M62364FP/GP
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 4 of 8
AC Characteristics
(VDD = 5 V ± 10%, VDD ≥ VIN, GND, VDAref = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Clock "L" pulse width
tCKL
200
—
—
ns
Clock "H" pulse width
tCKH
200
—
—
ns
Clock rise time
tCR
—
—
200
ns
Clock fall time
tCF
—
—
200
ns
Data setup time
tDCH
60
—
—
ns
Data hold time
tCHD
100
—
—
ns
LD setup time
tCHL
200
—
—
ns
LD hold time
tLDC
100
—
—
ns
LD "H" pulse duration time
tLDH
100
—
—
ns
Data output delay time
tDO
70
—
350
ns
CL = 100 pF
D/A output setting time
tLDD
—
—
300
μs
CL ≤ 100 pF, VAO: 0.1 ↔ 2.6 V
This time until the output becomes
the final value of 1/2 LSB
Timing Chart
CLK
D/A
output
Do
output
DI
LD
tCKL
tCR
tCKH
tCF
tDCH
tCHD
tLDH
tDO
tCHL
tLDC
tLDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com