Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P-MU Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega1284P-MU
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P-MU Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega1284P-MU Datasheet HTML 81Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 82Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 83Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 84Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 85Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 86Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 87Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 88Page - ATMEL Corporation ATmega1284P-MU Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 380 page
background image
85
8059D–AVR–11/09
ATmega1284P
Table 12-10. Overriding Signals for Alternate Functions in PC7:PC4
Signal
Name
PC7/TOSC2/
PCINT23
PC6/TOSC1/
PCINT22
PC5/TDI/
PCINT21
PC4/TDO/
PCINT20
PUOE
AS2 • EXCLK
AS2
JTAGEN
JTAGEN
PUOV
0
011
DDOE
AS2 • EXCLK
AS2
JTAGEN
JTAGEN
DDOV
0
0
0
SHIFT_IR +
SHIFT_DR
PVOE
0
00JTAGEN
PVOV
0
00TDO
DIEOE
AS2 • EXCLK +
PCINT23 • PCIE2
AS2
JTAGEN
JTAGEN
DIEOV
0
EXCLK
0
0
DI
PCINT23 INPUT
PCINT22 INPUT
PCINT21 INPUT
PCINT20 INPUT
AIO
T/C2 OSC OUTPUT
T/C2 OSC
INPUT
TDI INPUT
–
Table 12-11. Overriding Signals for Alternate Functions in PC3:PC0
Signal
Name
PC3/TMS/
PCINT19
PC2/TCK/
PCINT18
PC1/SDA/
PCINT17
PC0/SCL/
PCINT16
PUOE
JTAGEN
JTAGEN
TWEN
TWEN
PUOV
1
1
PORTC1 • PUD
PORTC0 • PUD
DDOE
JTAGENJTAGENTWEN
TWEN
DDOV
0
0
0
0
PVOE
0
0
TWEN
TWEN
PVOV
0
0
SDA OUT
SCL OUT
DIEOE
JTAGEN
JTAGEN
PCINT17 • PCIE2
PCINT16 • PCIE2
DIEOV
1
111
DI
PCINT19 INPUT
PCINT18 INPUT
PCINT17 INPUT
PCINT16 INPUT
AIO
TMS INPUT
TCK INPUT
SDA INPUT
SCL INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com