Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A-MU Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATmega16A-MU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A-MU Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATmega16A-MU Datasheet HTML 48Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 49Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 50Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 51Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 52Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 53Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 54Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 55Page - ATMEL Corporation ATmega16A-MU Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 352 page
background image
52
8154B–AVR–07/09
ATmega16A
Figure 12-3. Synchronization when Reading an Externally Applied Pin Value
Consider the clock period starting shortly after the first falling edge of the system clock. The latch
is closed when the clock is low, and goes transparent when the clock is high, as indicated by the
shaded region of the “SYNC LATCH” signal. The signal value is latched when the system clock
goes low. It is clocked into the PINxn Register at the succeeding positive clock edge. As indi-
cated by the two arrows t
pd,max and tpd,min, a single signal transition on the pin will be delayed
between ½ and 1½ system clock period depending upon the time of assertion.
When reading back a software assigned pin value, a nop instruction must be inserted as indi-
cated in Figure 12-4. The out instruction sets the “SYNC LATCH” signal at the positive edge of
the clock. In this case, the delay t
pd through the synchronizer is one system clock period.
Figure 12-4. Synchronization when Reading a Software Assigned Pin Value
The following code example shows how to set port B pins 0 and 1 high, 2 and 3 low, and define
the port pins from 4 to 7 as input with pull-ups assigned to port pins 6 and 7. The resulting pin
SYSTEM CLK
INSTRUCTIONS
SYNC LATCH
PINxn
r17
in r17, PINx
0xFF
0x00
tpd, max
XXX
XXX
tpd, min
nop
in r17, PINx
0xFF
0x00
0xFF
tpd
out PORTx, r16
SYSTEM CLK
r16
INSTRUCTIONS
SYNC LATCH
PINxn
r17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com