Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 226Page - ATMEL Corporation ATmega16A Datasheet HTML 227Page - ATMEL Corporation ATmega16A Datasheet HTML 228Page - ATMEL Corporation ATmega16A Datasheet HTML 229Page - ATMEL Corporation ATmega16A Datasheet HTML 230Page - ATMEL Corporation ATmega16A Datasheet HTML 231Page - ATMEL Corporation ATmega16A Datasheet HTML 232Page - ATMEL Corporation ATmega16A Datasheet HTML 233Page - ATMEL Corporation ATmega16A Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 352 page
background image
230
8154B–AVR–07/09
ATmega16A
• 2 single Program Memory Break Points + 2 single Data Memory Break Points
• 2 single Program Memory Break Points + 1 Program Memory Break Point with mask (“range
Break Point”)
• 2 single Program Memory Break Points + 1 Data Memory Break Point with mask (“range
Break Point”)
A debugger, like the AVR Studio, may however use one or more of these resources for its inter-
nal purpose, leaving less flexibility to the end-user.
A list of the On-chip Debug specific JTAG instructions is given in “On-chip Debug Specific JTAG
Instructions” on page 230.
The JTAGEN Fuse must be programmed to enable the JTAG Test Access Port. In addition, the
OCDEN Fuse must be programmed and no Lock bits must be set for the On-chip Debug system
to work. As a security feature, the On-chip Debug system is disabled when any Lock bits are set.
Otherwise, the On-chip Debug system would have provided a back-door into a secured device.
The AVR JTAG ICE from Atmel is a powerful development tool for On-chip Debugging of all
AVR 8-bit RISC Microcontrollers with IEEE 1149.1 compliant JTAG interface. The JTAG ICE
and the AVR Studio user interface give the user complete control of the internal resources of the
microcontroller, helping to reduce development time by making debugging easier. The JTAG
ICE performs real-time emulation of the microcontroller while it is running in a target system.
Please refer to the Support Tools section on the AVR pages on www.atmel.com for a full
description of the AVR JTEG ICE. AVR Studio can be downloaded free from Software section
on the same web site.
All necessary execution commands are available in AVR Studio, both on source level and on
disassembly level. The user can execute the program, single step through the code either by
tracing into or stepping over functions, step out of functions, place the cursor on a statement and
execute until the statement is reached, stop the execution, and reset the execution target. In
addition, the user can have an unlimited number of code breakpoints (using the BREAK instruc-
tion) and up to two data memory breakpoints, alternatively combined as a mask (range) Break
Point.
23.7
On-chip Debug Specific JTAG Instructions
The On-chip Debug support is considered being private JTAG instructions, and distributed within
ATMEL and to selected third party vendors only. Instruction opcodes are listed for reference.
23.7.1
PRIVATE0; $8
Private JTAG instruction for accessing On-chip Debug system.
23.7.2
PRIVATE1; $9
Private JTAG instruction for accessing On-chip Debug system.
23.7.3
PRIVATE2; $A
Private JTAG instruction for accessing On-chip Debug system.
23.7.4
PRIVATE3; $B
Private JTAG instruction for accessing On-chip Debug system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com