Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 233 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 233 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 229Page - ATMEL Corporation ATmega16A Datasheet HTML 230Page - ATMEL Corporation ATmega16A Datasheet HTML 231Page - ATMEL Corporation ATmega16A Datasheet HTML 232Page - ATMEL Corporation ATmega16A Datasheet HTML 233Page - ATMEL Corporation ATmega16A Datasheet HTML 234Page - ATMEL Corporation ATmega16A Datasheet HTML 235Page - ATMEL Corporation ATmega16A Datasheet HTML 236Page - ATMEL Corporation ATmega16A Datasheet HTML 237Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 352 page
background image
233
8154B–AVR–07/09
ATmega16A
24.3.1
Bypass Register
The Bypass Register consists of a single Shift Register stage. When the Bypass Register is
selected as path between TDI and TDO, the register is reset to 0 when leaving the Capture-DR
controller state. The Bypass Register can be used to shorten the scan chain on a system when
the other devices are to be tested.
24.3.2
Device Identification Register
Figure 24-1 shows the structure of the Device Identification Register.
Figure 24-1. The Format of the Device Identification Register
24.3.2.1
Version
Version is a 4-bit number identifying the revision of the component. The JTAG version number
follows the revision of the device. Revision A is 0x0, revision B is 0x1 and so on. However, some
revisions deviate from this rule, and the relevant version number is shown in Table 24-1.
24.3.2.2
Part Number
The part number is a 16-bit code identifying the component. The JTAG Part Number for
ATmega16A is listed in Table 24-2.
24.3.2.3
Manufacturer ID
The Manufacturer ID is a 11 bit code identifying the manufacturer. The JTAG manufacturer ID
for ATMEL is listed in Table 24-3.
24.3.3
Reset Register
The Reset Register is a Test Data Register used to reset the part. Since the AVR tri-states Port
Pins when reset, the Reset Register can also replace the function of the unimplemented optional
JTAG instruction HIGHZ.
A high value in the Reset Register corresponds to pulling the External Reset low. The part is
reset as long as there is a high value present in the Reset Register. Depending on the Fuse set-
tings for the clock options, the part will remain reset for a Reset Time-Out Period (refer to “Clock
MSB
LSB
Bit
31
28
271211
1
0
Device ID
Version
Part Number
Manufacturer ID
1
4 bits
16 bits
11 bits
1 bit
Table 24-1.
JTAG Version Numbers
Version
JTAG Version Number (Hex)
ATmega16A revision TBD
TBD
Table 24-2.
AVR JTAG Part Number
Part Number
JTAG Part Number (Hex)
ATmega16A
0x9403
Table 24-3.
Manufacturer ID
Manufacturer
JTAG Manufacturer ID (Hex)
ATMEL
0x01F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com