Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 239 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 239 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 235Page - ATMEL Corporation ATmega16A Datasheet HTML 236Page - ATMEL Corporation ATmega16A Datasheet HTML 237Page - ATMEL Corporation ATmega16A Datasheet HTML 238Page - ATMEL Corporation ATmega16A Datasheet HTML 239Page - ATMEL Corporation ATmega16A Datasheet HTML 240Page - ATMEL Corporation ATmega16A Datasheet HTML 241Page - ATMEL Corporation ATmega16A Datasheet HTML 242Page - ATMEL Corporation ATmega16A Datasheet HTML 243Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 352 page
background image
239
8154B–AVR–07/09
ATmega16A
Figure 24-7. Boundary-scan Cells for Oscillators and Clock Options
Table 24-4 summaries the scan registers for the external clock pin XTAL1, Oscillators with
XTAL1/XTAL2 connections as well as 32 kHz Timer Oscillator.
Notes:
1. Do not enable more than one clock source as main clock at a time.
2. Scanning an Oscillator output gives unpredictable results as there is a frequency drift between
the Internal Oscillator and the JTAG TCK clock. If possible, scanning an external clock is
preferred.
3. The clock configuration is programmed by fuses. As a fuse is not changed run-time, the clock
configuration is considered fixed for a given application. The user is advised to scan the same
clock option as to be used in the final system. The enable signals are supported in the scan
chain because the system logic can disable clock options in sleep modes, thereby disconnect-
ing the Oscillator pins from the scan path if not provided. The INTCAP Fuses are not
supported in the scan-chain, so the boundary scan chain can not make a XTAL Oscillator
requiring internal capacitors to run unless the fuse is correctly programmed.
24.5.5
Scanning the Analog Comparator
The relevant Comparator signals regarding Boundary-scan are shown in Figure 24-8. The
Boundary-scan cell from Figure 24-9 is attached to each of these signals. The signals are
described in Table 24-5.
The Comparator need not be used for pure connectivity testing, since all analog inputs are
shared with a digital port pin as well.
Table 24-4.
Scan Signals for the Oscillators
(1)(2)(3)
Enable Signal
Scanned Clock Line
Clock Option
Scanned Clock Line
when not Used
EXTCLKEN
EXTCLK (XTAL1)
External Clock
0
OSCON
OSCCK
External Crystal
External Ceramic Resonator
0
RCOSCEN
RCCK
External RC
1
OSC32EN
OSC32CK
Low Freq. External Crystal
0
TOSKON
TOSCK
32 kHz Timer Oscillator
0
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
FF1
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
XTAL1/TOSC1
XTAL2/TOSC2
Oscillator
ENABLE
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com