Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 239Page - ATMEL Corporation ATmega16A Datasheet HTML 240Page - ATMEL Corporation ATmega16A Datasheet HTML 241Page - ATMEL Corporation ATmega16A Datasheet HTML 242Page - ATMEL Corporation ATmega16A Datasheet HTML 243Page - ATMEL Corporation ATmega16A Datasheet HTML 244Page - ATMEL Corporation ATmega16A Datasheet HTML 245Page - ATMEL Corporation ATmega16A Datasheet HTML 246Page - ATMEL Corporation ATmega16A Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 352 page
background image
243
8154B–AVR–07/09
ATmega16A
Note:
Incorrect setting of the switches in Figure 24-10 will make signal contention and may damage the part. There are several input
choices to the S&H circuitry on the negative input of the output comparator in Figure 24-10. Make sure only one path is selected
from either one ADC pin, Bandgap reference source, or Ground.
If the ADC is not to be used during scan, the recommended input values from Table 24-6 should
be used. The user is recommended not to use the Differential Gain stages during scan. Switch-
cap based gain stages require fast operation and accurate timing which is difficult to obtain
when used in a scan chain. Details concerning operations of the differential gain stage is there-
fore not provided.
The AVR ADC is based on the analog circuitry shown in Figure 24-10 with a successive approx-
imation algorithm implemented in the digital logic. When used in Boundary-scan, the problem is
usually to ensure that an applied analog voltage is measured within some limits. This can easily
be done without running a successive approximation algorithm: apply the lower limit on the digi-
tal DAC[9:0] lines, make sure the output from the comparator is low, then apply the upper limit
on the digital DAC[9:0] lines, and verify the output from the comparator to be high.
The ADC need not be used for pure connectivity testing, since all analog inputs are shared with
a digital port pin as well.
When using the ADC, remember the following:
• The Port Pin for the ADC channel in use must be configured to be an input with pull-up
disabled to avoid signal contention.
MUXEN_3
Input
Input Mux bit 3
0
0
MUXEN_2
Input
Input Mux bit 2
0
0
MUXEN_1
Input
Input Mux bit 1
0
0
MUXEN_0
Input
Input Mux bit 0
1
1
NEGSEL_2
Input
Input Mux for negative input for
differential signal, bit 2
00
NEGSEL_1
Input
Input Mux for negative input for
differential signal, bit 1
00
NEGSEL_0
Input
Input Mux for negative input for
differential signal, bit 0
00
PASSEN
Input
Enable pass-gate of gain stages.
1
1
PRECH
Input
Precharge output latch of
comparator. (Active low)
11
SCTEST
Input
Switch-cap TEST enable. Output
from x10 gain stage send out to
Port Pin having ADC_4
00
ST
Input
Output of gain stages will settle
faster if this signal is high first two
ACLK periods after AMPEN goes
high.
00
VCCREN
Input
Selects Vcc as the ACC reference
voltage.
00
Table 24-6.
Boundary-scan Signals for the ADC (Continued)
Signal
Name
Direction as Seen
from the ADC
Description
Recommended
Input when Not
in Use
Output Values when Recommended
Inputs are used, and CPU is not
Using the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com