Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 245 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 245 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 241Page - ATMEL Corporation ATmega16A Datasheet HTML 242Page - ATMEL Corporation ATmega16A Datasheet HTML 243Page - ATMEL Corporation ATmega16A Datasheet HTML 244Page - ATMEL Corporation ATmega16A Datasheet HTML 245Page - ATMEL Corporation ATmega16A Datasheet HTML 246Page - ATMEL Corporation ATmega16A Datasheet HTML 247Page - ATMEL Corporation ATmega16A Datasheet HTML 248Page - ATMEL Corporation ATmega16A Datasheet HTML 249Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 352 page
background image
245
8154B–AVR–07/09
ATmega16A
24.6
Boundary-scan Order
Table 24-8 shows the scan order between TDI and TDO when the Boundary-scan chain is
selected as data path. Bit 0 is the LSB; the first bit scanned in, and the first bit scanned out. The
scan order follows the pin-out order as far as possible. Therefore, the bits of Port A is scanned in
the opposite bit order of the other ports. Exceptions from the rules are the Scan chains for the
analog circuits, which constitute the most significant bits of the scan chain regardless of which
physical pin they are connected to. In Figure 24-3, PXn. Data corresponds to FF0, PXn. Control
corresponds to FF1, and PXn. Pullup_enable corresponds to FF2. Bit 2, 3, 4, and 5 of Port C is
not in the scan chain, since these pins constitute the TAP pins when the JTAG is enabled.
Table 24-8.
ATmega16A Boundary-scan Order
Bit Number
Signal Name
Module
140
AC_IDLE
Comparator
139
ACO
138
ACME
137
ACBG
136
COMP
ADC
135
PRIVATE_SIGNAL1(1)
134
ACLK
133
ACTEN
132
PRIVATE_SIGNAL2(2)
131
ADCBGEN
130
ADCEN
129
AMPEN
128
DAC_9
127
DAC_8
126
DAC_7
125
DAC_6
124
DAC_5
123
DAC_4
122
DAC_3
121
DAC_2
120
DAC_1
119
DAC_0
118
EXTCH
117
G10
116
G20
115
GNDEN
114
HOLD
113
IREFEN
112
MUXEN_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com