Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 244 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 240Page - ATMEL Corporation ATmega16A Datasheet HTML 241Page - ATMEL Corporation ATmega16A Datasheet HTML 242Page - ATMEL Corporation ATmega16A Datasheet HTML 243Page - ATMEL Corporation ATmega16A Datasheet HTML 244Page - ATMEL Corporation ATmega16A Datasheet HTML 245Page - ATMEL Corporation ATmega16A Datasheet HTML 246Page - ATMEL Corporation ATmega16A Datasheet HTML 247Page - ATMEL Corporation ATmega16A Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 352 page
background image
244
8154B–AVR–07/09
ATmega16A
• In Normal mode, a dummy conversion (consisting of 10 comparisons) is performed when
enabling the ADC. The user is advised to wait at least 200 ns after enabling the ADC before
controlling/observing any ADC signal, or perform a dummy conversion before using the first
result.
• The DAC values must be stable at the midpoint value 0x200 when having the HOLD signal
low (Sample mode).
As an example, consider the task of verifying a 1.5V ± 5% input signal at ADC channel 3 when
the power supply is 5.0V and AREF is externally connected to V
CC.
The recommended values from Table 24-6 are used unless other values are given in the algo-
rithm in Table 24-7. Only the DAC and Port Pin values of the Scan-chain are shown. The column
“Actions” describes what JTAG instruction to be used before filling the Boundary-scan Register
with the succeeding columns. The verification should be done on the data scanned out when
scanning in the data on the same row in the table.
Using this algorithm, the timing constraint on the HOLD signal constrains the TCK clock fre-
quency. As the algorithm keeps HOLD high for five steps, the TCK clock frequency has to be at
least five times the number of scan bits divided by the maximum hold time, t
hold,max.
Table 24-7.
Algorithm for Using the ADC
Step
Actions
ADCEN
DAC
MUXEN
HOLD
PRECH
PA3.
Data
PA3.
Control
PA3.
Pullup_
Enable
1
SAMPLE_
PRELOAD
1
0x200
0x08
1
1
0
0
0
2
EXTEST
1
0x200
0x08
0
1
0
0
0
3
1
0x200
0x08
1
1
0
0
0
4
1
0x123
0x08
1
1
0
0
0
5
1
0x123
0x08
1
0
0
0
0
6
Verify the
COMP bit
scanned
out to be 0
1
0x200
0x08
1
1
0
0
0
7
1
0x200
0x08
0
1
0
0
0
8
1
0x200
0x08
1
1
0
0
0
9
1
0x143
0x08
1
1
0
0
0
10
1
0x143
0x08
1
0
0
0
0
11
Verify the
COMP bit
scanned
out to be 1
1
0x200
0x08
1
1
0
0
0
The lower limit is:
1024 1,5
V 0,95 5V
⁄
⋅⋅
291
0x123
==
The upper limit is:
1024 1,5
V 1,05 5V
⁄
⋅⋅
323
0x143
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com