Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 247 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 247 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 243Page - ATMEL Corporation ATmega16A Datasheet HTML 244Page - ATMEL Corporation ATmega16A Datasheet HTML 245Page - ATMEL Corporation ATmega16A Datasheet HTML 246Page - ATMEL Corporation ATmega16A Datasheet HTML 247Page - ATMEL Corporation ATmega16A Datasheet HTML 248Page - ATMEL Corporation ATmega16A Datasheet HTML 249Page - ATMEL Corporation ATmega16A Datasheet HTML 250Page - ATMEL Corporation ATmega16A Datasheet HTML 251Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 352 page
background image
247
8154B–AVR–07/09
ATmega16A
75
PB7.Data
74
PB7.Control
73
PB7.Pullup_Enable
72
RSTT
Reset Logic
(Observe-Only)
71
RSTHV
70
EXTCLKEN
Enable signals for main clock/Oscillators
69
OSCON
68
RCOSCEN
67
OSC32EN
66
EXTCLK (XTAL1)
Clock input and Oscillators for the main clock
(Observe-Only)
65
OSCCK
64
RCCK
63
OSC32CK
62
TWIEN
TWI
61
PD0.Data
Port D
60
PD0.Control
59
PD0.Pullup_Enable
58
PD1.Data
57
PD1.Control
56
PD1.Pullup_Enable
55
PD2.Data
54
PD2.Control
53
PD2.Pullup_Enable
52
PD3.Data
51
PD3.Control
50
PD3.Pullup_Enable
49
PD4.Data
48
PD4.Control
47
PD4.Pullup_Enable
46
PD5.Data
45
PD5.Control
44
PD5.Pullup_Enable
43
PD6.Data
42
PD6.Control
41
PD6.Pullup_Enable
40
PD7.Data
Table 24-8.
ATmega16A Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com