Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 344 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 344 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 340Page - ATMEL Corporation ATmega16A Datasheet HTML 341Page - ATMEL Corporation ATmega16A Datasheet HTML 342Page - ATMEL Corporation ATmega16A Datasheet HTML 343Page - ATMEL Corporation ATmega16A Datasheet HTML 344Page - ATMEL Corporation ATmega16A Datasheet HTML 345Page - ATMEL Corporation ATmega16A Datasheet HTML 346Page - ATMEL Corporation ATmega16A Datasheet HTML 347Page - ATMEL Corporation ATmega16A Datasheet HTML 348Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 352 page
background image
344
8154B–AVR–07/09
ATmega16A
34. Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
Rev. 8154B – 07/09
Rev. 8154A – 06/08
1.
Updated “Errata” on page 343.
2.
Updated the last page with Atmel’s new addresses.
1.
Initial revision (Based on the ATmega16/L datasheet revision 2466R-AVR-05/08)
Changes done comparted ATmega16/L datasheet revision 2466R-AVR-05/08:
- Updated description in “Stack Pointer” on page 12.
- All Electrical characteristics is moved to “Electrical Characteristics” on page 293.
- Register descriptions are moved to sub sections at the end of each chapter.
- Added “Speed Grades” on page 295.
- New graphs in “Typical Characteristics” on page 305.
- New “Ordering Information” on page 339.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com