| Electronic Components Datasheet Search |
|
ATmega32A Datasheet(PDF) 263 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32A Datasheet(HTML) 263 Page - ATMEL Corporation |
|
263 / 352 page ![]() 263 8155B–AVR–07/09 ATmega32A 25.8.13 Boot Loader Parameters In Table 25-6 through Table 25-8, the parameters used in the description of the self program- ming are given. Note: 1. The different BOOTSZ Fuse configurations are shown in Figure 25-2 Note: 1. For details about these two section, see “NRWW – No Read-While-Write Section” on page 253 and “RWW – Read-While-Write Section” on page 253 Note: 1. Z15: always ignored Z0: should be zero for all SPM commands, byte select for the LPM instruction. See “Addressing the Flash during Self-Programming” on page 257 for details about the use of Z-pointer during Self-Programming. Table 25-6. Boot Size Configuration (1) BOOTSZ1 BOOTSZ0 Boot Size Pages Application Flash Section Boot Loader Flash Section End Application section Boot Reset Address (start Boot Loader Section) 11 256 words 4 $0000 - $3EFF $3F00 - $3FFF $3EFF $3F00 10 512 words 8 $0000 - $3DFF $3E00 - $3FFF $3DFF $3E00 01 1024 words 16 $0000 - $3BFF $3C00 - $3FFF $3BFF $3C00 00 2048 words 32 $0000 - $37FF $3800 - $3FFF $37FF $3800 Table 25-7. Read-While-Write Limit (1) Section Pages Address Read-While-Write section (RWW) 224 $0000 - $37FF No Read-While-Write section (NRWW) 32 $3800 - $3FFF Table 25-8. Explanation of Different Variables used in Figure 25-3 and the Mapping to the Z- pointer Variable Corresponding Z-value(1) Description PCMSB 13 Most significant bit in the Program Counter. (The Program Counter is 14 bits PC[13:0]) PAGEMSB 5 Most significant bit which is used to address the words within one page (64 words in a page requires 6 bits PC [5:0]). ZPCMSB Z14 Bit in Z-register that is mapped to PCMSB. Because Z0 is not used, the ZPCMSB equals PCMSB + 1. ZPAGEMSB Z6 Bit in Z-register that is mapped to PAGEMSB. Because Z0 is not used, the ZPAGEMSB equals PAGEMSB + 1. PCPAGE PC[13:6] Z14:Z7 Program Counter page address: Page select, for page erase and page write PCWORD PC[5:0] Z6:Z1 Program Counter word address: Word select, for filling temporary buffer (must be zero during page write operation) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |