Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 267 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 267 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 263Page - ATMEL Corporation ATmega32A Datasheet HTML 264Page - ATMEL Corporation ATmega32A Datasheet HTML 265Page - ATMEL Corporation ATmega32A Datasheet HTML 266Page - ATMEL Corporation ATmega32A Datasheet HTML 267Page - ATMEL Corporation ATmega32A Datasheet HTML 268Page - ATMEL Corporation ATmega32A Datasheet HTML 269Page - ATMEL Corporation ATmega32A Datasheet HTML 270Page - ATMEL Corporation ATmega32A Datasheet HTML 271Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 352 page
background image
267
8155B–AVR–07/09
ATmega32A
Notes:
1. Program the fuse bits before programming the Lock bits.
2. “1” means unprogrammed, “0” means programmed
26.2
Fuse Bits
The ATmega32A has two fuse bytes. Table 26-3 and Table 26-4 describe briefly the functionality
of all the fuses and how they are mapped into the fuse bytes. Note that the fuses are read as
logical zero, “0”, if they are programmed.
Notes:
1. The SPIEN Fuse is not accessible in SPI Serial Programming mode.
2. The CKOPT Fuse functionality depends on the setting of the CKSEL bits. See See “Clock
Sources” on page 26. for details.
3. The default value of BOOTSZ1:0 results in maximum Boot Size. See Table 25-6 on page 263.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and the JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system
to be running in all sleep modes. This may increase the power consumption.
5. If the JTAG interface is left unconnected, the JTAGEN fuse should if possible be disabled. This
to avoid static current at the TDO pin in the JTAG interface.
BLB1 Mode
BLB12
BLB11
11
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section, and LPM
executing from the Application section is not allowed to read
from the Boot Loader section. If interrupt vectors are placed in
the Application section, interrupts are disabled while executing
from the Boot Loader section.
40
1
LPM executing from the Application section is not allowed to
read from the Boot Loader section. If interrupt vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
Table 26-2.
Lock Bit Protection Modes (Continued)
Memory Lock Bits(2)
Protection Type
Table 26-3.
Fuse High Byte
Fuse High
Byte
Bit No.
Description
Default Value
OCDEN(4)
7
Enable OCD
1 (unprogrammed, OCD disabled)
JTAGEN(5)
6
Enable JTAG
0 (programmed, JTAG enabled)
SPIEN(1)
5
Enable SPI Serial Program and
Data Downloading
0 (programmed, SPI prog. enabled)
CKOPT(2)
4
Oscillator options
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM not
preserved)
BOOTSZ1
2
Select Boot Size (see Table 25-6
for details)
0 (programmed)(3)
BOOTSZ0
1
Select Boot Size (see Table 25-6
for details)
0 (programmed)(3)
BOOTRST
0
Select reset vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com