Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 280 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 276Page - ATMEL Corporation ATmega32A Datasheet HTML 277Page - ATMEL Corporation ATmega32A Datasheet HTML 278Page - ATMEL Corporation ATmega32A Datasheet HTML 279Page - ATMEL Corporation ATmega32A Datasheet HTML 280Page - ATMEL Corporation ATmega32A Datasheet HTML 281Page - ATMEL Corporation ATmega32A Datasheet HTML 282Page - ATMEL Corporation ATmega32A Datasheet HTML 283Page - ATMEL Corporation ATmega32A Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 352 page
background image
280
8155B–AVR–07/09
ATmega32A
26.9
SPI Serial Programming Pin Mapping
Figure 26-10. SPI Serial Programming and Verify(1)
Notes:
1. If the device is clocked by the Internal Oscillator, it is no need to connect a clock source to the
XTAL1 pin.
2. V
CC -0.3V < AVCC < VCC +0.3V, however, AVCC should always be within 2.7 - 5.5V
When programming the EEPROM, an auto-erase cycle is built into the self-timed programming
operation (in the serial mode ONLY) and there is no need to first execute the Chip Erase instruc-
tion. The Chip Erase operation turns the content of every memory location in both the Program
and EEPROM arrays into $FF.
Depending on CKSEL Fuses, a valid clock must be present. The minimum low and high periods
for the serial clock (SCK) input are defined as follows:
Low: > 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
High: > 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
26.9.1
SPI Serial Programming Algorithm
When writing serial data to the ATmega32A, data is clocked on the rising edge of SCK.
When reading data from the ATmega32A, data is clocked on the falling edge of SCK. See Figure
26-11 for timing details.
To program and verify the ATmega32A in the SPI Serial Programming mode, the following
sequence is recommended (See four byte instruction formats in Table 26-14
):
Table 26-12. Pin Mapping SPI Serial Programming
Symbol
Pins
I/O
Description
MOSI
PB5
I
Serial Data in
MISO
PB6
O
Serial Data out
SCK
PB7
I
Serial Clock
VCC
GND
XTAL1
SCK
MISO
MOSI
RESET
PB5
PB6
PB7
+2.7 - 5.5V
AVCC
+2.7 - 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com