Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 283 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 283 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 279Page - ATMEL Corporation ATmega32A Datasheet HTML 280Page - ATMEL Corporation ATmega32A Datasheet HTML 281Page - ATMEL Corporation ATmega32A Datasheet HTML 282Page - ATMEL Corporation ATmega32A Datasheet HTML 283Page - ATMEL Corporation ATmega32A Datasheet HTML 284Page - ATMEL Corporation ATmega32A Datasheet HTML 285Page - ATMEL Corporation ATmega32A Datasheet HTML 286Page - ATMEL Corporation ATmega32A Datasheet HTML 287Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 352 page
background image
283
8155B–AVR–07/09
ATmega32A
Note:
a = address high bits
b = address low bits
H = 0 – Low byte, 1 – High Byte
o = data out
i = data in
x = don’t care
Table 26-14. SPI Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable SPI Serial Programming after
RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Read Program Memory
0010 H000
00aa aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
Program memory at word address a:b.
Load Program Memory Page
0100 H000
00xx xxxx
xxbb bbbb
iiii iiii
Write H (high or low) data i to Program
Memory page at word address b. Data
low byte must be loaded before Data
high byte is applied within the same
address.
Write Program Memory Page
0100 1100
00aa aaaa
bbxx xxxx
xxxx xxxx
Write Program Memory Page at
address a:b.
Read EEPROM Memory
1010 0000
00xx xxaa
bbbb bbbb
oooo oooo
Read data o from EEPROM memory at
address a:b.
Write EEPROM Memory
1100 0000
00xx xxaa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address a:b.
Read Lock Bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1”
= unprogrammed. See
Table 26-1 on
page 266 for details.
Write Lock Bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See
Table 26-1 on
page 266 for details.
Read Signature Byte
0011 0000
00xx xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address b.
Write Fuse Bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 26-4 on page
268 for details.
Write Fuse High Bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 26-3 on page
267 for details.
Read Fuse Bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1”
= unprogrammed. See
Table 26-4 on
page 268 for details.
Read Fuse High Bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse high bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 26-3 on page 267 for details.
Read Calibration Byte
0011 1000
xxxx xxxx
0000 00bb
oooo oooo
Read Calibration Byte
o at address b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com