Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 289 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 285Page - ATMEL Corporation ATmega32A Datasheet HTML 286Page - ATMEL Corporation ATmega32A Datasheet HTML 287Page - ATMEL Corporation ATmega32A Datasheet HTML 288Page - ATMEL Corporation ATmega32A Datasheet HTML 289Page - ATMEL Corporation ATmega32A Datasheet HTML 290Page - ATMEL Corporation ATmega32A Datasheet HTML 291Page - ATMEL Corporation ATmega32A Datasheet HTML 292Page - ATMEL Corporation ATmega32A Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 352 page
background image
289
8155B–AVR–07/09
ATmega32A
3b. Load Address High Byte
0000111_aaaaaaaa
xxxxxxx_xxxxxxxx
(9)
3c. Load Address Low Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
3d. Read Data Low and High Byte
0110010_00000000
0110110_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
xxxxxxx_oooooooo
low byte
high byte
4a. Enter EEPROM Write
0100011_00010001
xxxxxxx_xxxxxxxx
4b. Load Address High Byte
0000111_aaaaaaaa
xxxxxxx_xxxxxxxx
(9)
4c. Load Address Low Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
4d. Load Data Byte
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
4e. Latch Data
0110111_00000000
1110111_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
4f. Write EEPROM Page
0110011_00000000
0110001_00000000
0110011_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
4g. Poll for Page Write complete
0110011_00000000
xxxxxox_xxxxxxxx
(2)
5a. Enter EEPROM Read
0100011_00000011
xxxxxxx_xxxxxxxx
5b. Load Address High Byte
0000111_aaaaaaaa
xxxxxxx_xxxxxxxx
(9)
5c. Load Address Low Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
5d. Read Data Byte
0110011_bbbbbbbb
0110010_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
6a. Enter Fuse Write
0100011_01000000
xxxxxxx_xxxxxxxx
6b. Load Data Low Byte
(6)
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
(3)
6c. Write Fuse High byte
0110111_00000000
0110101_00000000
0110111_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
6d. Poll for Fuse Write complete
0110111_00000000
xxxxxox_xxxxxxxx
(2)
6e. Load Data Low Byte(7)
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
(3)
6f. Write Fuse Low byte
0110011_00000000
0110001_00000000
0110011_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
6g. Poll for Fuse Write complete
0110011_00000000
xxxxxox_xxxxxxxx
(2)
7a. Enter Lock Bit Write
0100011_00100000
xxxxxxx_xxxxxxxx
7b. Load Data Byte(8)
0010011_11iiiiii
xxxxxxx_xxxxxxxx
(4)
Figure 26-15. JTAG Programming Instruction Set (Continued)
a = address high bits, b = address low bits, H = 0 – Low byte, 1 – High Byte, o = data out, i = data in, x = don’t care
Instruction
TDI sequence
TDO sequence
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com