Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 135 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 131Page - ATMEL Corporation ATmega324PA Datasheet HTML 132Page - ATMEL Corporation ATmega324PA Datasheet HTML 133Page - ATMEL Corporation ATmega324PA Datasheet HTML 134Page - ATMEL Corporation ATmega324PA Datasheet HTML 135Page - ATMEL Corporation ATmega324PA Datasheet HTML 136Page - ATMEL Corporation ATmega324PA Datasheet HTML 137Page - ATMEL Corporation ATmega324PA Datasheet HTML 138Page - ATMEL Corporation ATmega324PA Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 468 page
background image
135
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Table 15-3 on page 135 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to
the fast PWM mode.
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is set. In
this case the compare match is ignored, but the set or clear is done at BOTTOM. See Section
“15.9.3” on page 126. for more details.
Table 15-4 on page 135 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to
the phase correct or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is set. See
Section “15.9.4” on page 128. for more details.
• Bit 1:0 – WGMn1:0: Waveform Generation Mode
Combined with the WGMn3:2 bits found in the TCCRnB Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 15-5 on page 136. Modes of operation supported by the
Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode,
and three types of Pulse Width Modulation (PWM) modes. (See Section “15.9” on page 125.).
Table 15-3.
Compare Output Mode, Fast PWM
(1)
COMnA1/COMnB1
COMnA0/COMnB0
Description
0
0
Normal port operation, OCnA/OCnB disconnected.
01
WGMn3:0 = 14 or 15: Toggle OC1A on Compare
Match, OC1B disconnected (normal port operation).
For all other WGM1 settings, normal port operation,
OC1A/OC1B disconnected.
10
Clear OCnA/OCnB on Compare Match, set
OCnA/OCnB at BOTTOM (non-inverting mode)
11
Set OCnA/OCnB on Compare Match, clear
OCnA/OCnB at BOTTOM (inverting mode)
Table 15-4.
Compare Output Mode, Phase Correct and Phase and Frequency Correct
PWM(1)
COMnA1/COMnB1
COMnA0/COMnB0
Description
0
0
Normal port operation, OCnA/OCnB disconnected.
01
WGMn3:0 = 9 or 11: Toggle OCnA on Compare
Match, OCnB disconnected (normal port operation).
For all other WGM1 settings, normal port operation,
OC1A/OC1B disconnected.
10
Clear OCnA/OCnB on Compare Match when up-
counting. Set OCnA/OCnB on Compare Match when
downcounting.
11
Set OCnA/OCnB on Compare Match when up-
counting. Clear OCnA/OCnB on Compare Match
when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com