Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 27Page - ATMEL Corporation ATmega324PA Datasheet HTML 28Page - ATMEL Corporation ATmega324PA Datasheet HTML 29Page - ATMEL Corporation ATmega324PA Datasheet HTML 30Page - ATMEL Corporation ATmega324PA Datasheet HTML 31Page - ATMEL Corporation ATmega324PA Datasheet HTML 32Page - ATMEL Corporation ATmega324PA Datasheet HTML 33Page - ATMEL Corporation ATmega324PA Datasheet HTML 34Page - ATMEL Corporation ATmega324PA Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 468 page
background image
31
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
8.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
8.1.4
Asynchronous Timer Clock – clk
ASY
The Asynchronous Timer clock allows the Asynchronous Timer/Counter to be clocked directly
from an external clock or an external 32 kHz clock crystal. The dedicated clock domain allows
using this Timer/Counter as a real-time counter even when the device is in sleep mode.
8.1.5
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
8.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
8.2.1
Default Clock Source
The device is shipped with internal RC oscillator at 8.0MHz and with the fuse CKDIV8 pro-
grammed, resulting in 1.0MHz system clock. The startup time is set to maximum and time-out
period enabled. (CKSEL = "0010", SUT = "10", CKDIV8 = "0"). The default setting ensures that
all users can make their desired clock source setting using any available programming interface.
8.2.2
Clock Startup Sequence
Any clock source needs a sufficient V
CC to start oscillating and a minimum number of oscillating
cycles before it can be considered stable.
To ensure sufficient V
CC, the device issues an internal reset with a time-out delay (tTOUT) after
the device reset is released by all other reset sources. ”On-chip Debug System” on page 47
describes the start conditions for the internal reset. The delay (t
TOUT) is timed from the Watchdog
Oscillator and the number of cycles in the delay is set by the SUTx and CKSELx fuse bits. The
Table 8-1.
Device Clocking Options Select(1)
Device Clocking Option
CKSEL3..0
Low Power Crystal Oscillator
1111 - 1000
Full Swing Crystal Oscillator
0111 - 0110
Low Frequency Crystal Oscillator
0101 - 0100
Internal 128 kHz RC Oscillator
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com