Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 176 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 172Page - ATMEL Corporation ATmega324PA Datasheet HTML 173Page - ATMEL Corporation ATmega324PA Datasheet HTML 174Page - ATMEL Corporation ATmega324PA Datasheet HTML 175Page - ATMEL Corporation ATmega324PA Datasheet HTML 176Page - ATMEL Corporation ATmega324PA Datasheet HTML 177Page - ATMEL Corporation ATmega324PA Datasheet HTML 178Page - ATMEL Corporation ATmega324PA Datasheet HTML 179Page - ATMEL Corporation ATmega324PA Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 468 page
background image
176
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
f
OSC
System Oscillator clock frequency
UBRRn
Contents of the UBRRHn and UBRRLn Registers, (0-4095)
Some examples of UBRRn values for some system clock frequencies are found in Table 18-9 on
page 196.
18.4.2
Double Speed Operation (U2Xn)
The transfer rate can be doubled by setting the U2Xn bit in UCSRnA. Setting this bit only has
effect for the asynchronous operation. Set this bit to zero when using synchronous operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively doubling
the transfer rate for asynchronous communication. Note however that the Receiver will in this
case only use half the number of samples (reduced from 16 to 8) for data sampling and clock
recovery, and therefore a more accurate baud rate setting and system clock are required when
this mode is used. For the Transmitter, there are no downsides.
18.4.3
External Clock
External clocking is used by the synchronous slave modes of operation. The description in this
section refers to Figure 18-2 on page 175 for details.
External clock input from the XCKn pin is sampled by a synchronization register to minimize the
chance of meta-stability. The output from the synchronization register must then pass through
an edge detector before it can be used by the Transmitter and Receiver. This process intro-
Table 18-1.
Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating Baud
Rate(1)
Equation for Calculating UBRR
Value
Asynchronous Normal
mode (U2Xn = 0)
Asynchronous Double
Speed mode (U2Xn = 1)
Synchronous Master
mode
BAUD
f
OSC
16 UBRRn
1
+
()
------------------------------------------
=
UBRRn
f
OSC
16BAUD
------------------------
1
–
=
BAUD
f
OSC
8 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
OSC
8BAUD
--------------------
1
–
=
BAUD
f
OSC
2 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
OSC
2BAUD
--------------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com