Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 260 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 256Page - ATMEL Corporation ATmega324PA Datasheet HTML 257Page - ATMEL Corporation ATmega324PA Datasheet HTML 258Page - ATMEL Corporation ATmega324PA Datasheet HTML 259Page - ATMEL Corporation ATmega324PA Datasheet HTML 260Page - ATMEL Corporation ATmega324PA Datasheet HTML 261Page - ATMEL Corporation ATmega324PA Datasheet HTML 262Page - ATMEL Corporation ATmega324PA Datasheet HTML 263Page - ATMEL Corporation ATmega324PA Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 468 page
background image
260
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
22.9.3
ADCL and ADCH – The ADC Data Register
ADLAR = 0
ADLAR = 1
When an ADC conversion is complete, the result is found in these two registers. If differential
channels are used, the result is presented in two’s complement form.
When ADCL is read, the ADC Data Register is not updated until ADCH is read. Consequently, if
the result is left adjusted and no more than 8-bit precision is required, it is sufficient to read
ADCH. Otherwise, ADCL must be read first, then ADCH.
The ADLAR bit in ADMUX, and the MUXn bits in ADMUX affect the way the result is read from
the registers. If ADLAR is set, the result is left adjusted. If ADLAR is cleared (default), the result
is right adjusted.
• ADC9:0: ADC Conversion Result
These bits represent the result from the conversion, as detailed in ”ADC Conversion Result” on
page 255.
22.9.4
ADCSRB – ADC Control and Status Register B
10
0
16
10
1
32
11
0
64
11
1
128
Table 22-5.
ADC Prescaler Selections (Continued)
ADPS2
ADPS1
ADPS0
Division Factor
Bit
15
14131211
10
9
8
(0x79)
––––––
ADC9
ADC8
ADCH
(0x78)
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
765432
10
Read/Write
RRRR
RRRR
RRRR
RRRR
Initial Value
000000
00
000000
00
Bit
15
14131211
10
9
8
(0x79)
ADC9
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADCH
(0x78)
ADC1
ADC0
––––
––
ADCL
765432
10
Read/Write
RRRR
RRRR
RRRR
RRRR
Initial Value
000000
00
000000
00
Bit
7
65
4
3
21
0
(0x7B)
–
ACME
–
–
–
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com