Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 291 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 287Page - ATMEL Corporation ATmega324PA Datasheet HTML 288Page - ATMEL Corporation ATmega324PA Datasheet HTML 289Page - ATMEL Corporation ATmega324PA Datasheet HTML 290Page - ATMEL Corporation ATmega324PA Datasheet HTML 291Page - ATMEL Corporation ATmega324PA Datasheet HTML 292Page - ATMEL Corporation ATmega324PA Datasheet HTML 293Page - ATMEL Corporation ATmega324PA Datasheet HTML 294Page - ATMEL Corporation ATmega324PA Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 468 page
background image
291
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
25.8.15
ATmega324PA Boot Loader Parameters
In Table 25-10 through Table 25-12, the parameters used in the description of the Self-Programming are given.
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 25-2 on page 281.
Note:
1. For details about these two section, see ”NRWW – No Read-While-Write Section” on page 279 and ”RWW – Read-While-
Write Section” on page 279.
Note:
1. Z0: should be zero for all SPM commands, byte select for the (E)LPM instruction.
See ”Addressing the Flash During Self-Programming” on page 283 for details about the use of Z-pointer during Self-
Programming.
Table 25-10. Boot Size Configuration(1)
BOOTSZ1
BOOTSZ0
Boot Size
Pages
Application
Flash Section
Boot Loader
Flash Section
End
Application
Section
Boot Reset
Address
(Start Boot
Loader Section)
1
1
256 words
4
0x0000 - 0x3EFF
0x3F00 - 0x3FFF
0x3EFF
0x3F00
1
0
512 words
8
0x0000 - 0x1DFF
0x3E00 - 0x3FFF
0x3DFF
0x3E00
0
1
1024 words
16
0x0000 - 0x1BFF
0x3C00 - 0x3FFF
0x3BFF
0x3C00
0
0
2048 words
32
0x0000 - 0x37FF
0x3800 - 0x3FFF
0x37FF
0x3800
Table 25-11. Read-While-Write Limit(1)
Section
Pages
Address
Read-While-Write section (RWW)
224
0x0000 - 0x37FF
No Read-While-Write section (NRWW)
32
0x3800 - 0x3FFF
Table 25-12. Explanation of different variables used in Figure 25-3 on page 283 and the mapping to the Z-pointer
Variable
Corresponding
Z-value
Description(1)
PCMSB
13
Most significant bit in the Program Counter. (The Program Counter is 14 bits
PC[13:0])
PAGEMSB
6
Most significant bit which is used to address the words within one page (128
words in a page requires seven bits PC [5:0]).
ZPCMSB
Z14
Bit in Z-pointer that is mapped to PCMSB. Because Z0 is not used, the
ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z7
Bit in Z-pointer that is mapped to PCMSB. Because Z0 is not used, the
ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[13:6]
Z14:Z7
Program Counter page address: Page select, for Page Erase and Page Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select, for filling temporary buffer (must
be zero during Page Write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com