Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 457 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 457 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 453Page - ATMEL Corporation ATmega324PA Datasheet HTML 454Page - ATMEL Corporation ATmega324PA Datasheet HTML 455Page - ATMEL Corporation ATmega324PA Datasheet HTML 456Page - ATMEL Corporation ATmega324PA Datasheet HTML 457Page - ATMEL Corporation ATmega324PA Datasheet HTML 458Page - ATMEL Corporation ATmega324PA Datasheet HTML 459Page - ATMEL Corporation ATmega324PA Datasheet HTML 460Page - ATMEL Corporation ATmega324PA Datasheet HTML 461Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 468 page
background image
457
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
32.5
49C2
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
49C2
CBD
A
49C2, 49-ball (7 x 7 Array), 0.65 mm Pitch,
5.0 x 5.0 x 1.0 mm, Very Thin, Fine-Pitch
Ball Grid Array Package (VFBGA)
3/14/08
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
1.00
A1
0.20
–
–
A2
0.65
–
–
D
4.90
5.00
5.10
D1
3.90 BSC
E
4.90
5.00
5.10
E1
3.90 BSC
b
0.30
0.35
0.40
e
0.65 BSC
TOP VIEW
SIDE VIEW
A1 BALL ID
G
F
E
D
C
B
A
12
3
45
6
7
A
A1
A2
D
E
0.10
E1
D1
49 - Ø0.35 ± 0.05
e
A1 BALL CORNER
BOTTOM VIEW
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com