Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 83Page - ATMEL Corporation ATmega644PA Datasheet HTML 84Page - ATMEL Corporation ATmega644PA Datasheet HTML 85Page - ATMEL Corporation ATmega644PA Datasheet HTML 86Page - ATMEL Corporation ATmega644PA Datasheet HTML 87Page - ATMEL Corporation ATmega644PA Datasheet HTML 88Page - ATMEL Corporation ATmega644PA Datasheet HTML 89Page - ATMEL Corporation ATmega644PA Datasheet HTML 90Page - ATMEL Corporation ATmega644PA Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 468 page
background image
87
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
13.3.3
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 13-9.
• TOSC2/PCINT23 – Port C, Bit7
TOSC2, Timer Oscillator pin 2. The PC7 pin can serve as an external interrupt source to the
MCU.
PCINT23, Pin Change Interrupt source 23: The PC7 pin can serve as an external interrupt
source.
• TOSC1/PCINT22 – Port C, Bit 6
TOSC1, Timer Oscillator pin 1. The PC6 pin can serve as an external interrupt source to the
MCU.
PCINT22, Pin Change Interrupt source 22: The PC6 pin can serve as an external interrupt
source.
• TDI/PCINT21 – Port C, Bit 5
TDI, JTAG Test Data Input.
PCINT21, Pin Change Interrupt source 21: The PC5 pin can serve as an external interrupt
source.
• TDO/PCINT20 – Port C, Bit 4
TDO, JTAG Test Data Output.
PCINT20, Pin Change Interrupt source 20: The PC4 pin can serve as an external interrupt
source.
Table 13-9.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
TOSC2 (Timer Oscillator pin 2)
PCINT23 (Pin Change Interrupt 23)
PC6
TOSC1 (Timer Oscillator pin 1)
PCINT22 (Pin Change Interrupt 22)
PC5
TDI (JTAG Test Data Input)
PCINT21 (Pin Change Interrupt 21)
PC4
TDO (JTAG Test Data Output)
PCINT20 (Pin Change Interrupt 20)
PC3
TMS (JTAG Test Mode Select)
PCINT19 (Pin Change Interrupt 19)
PC2
TCK (JTAG Test Clock)
PCINT18 (Pin Change Interrupt 18)
PC1
SDA (2-wire Serial Bus Data Input/Output Line)
PCINT17 (Pin Change Interrupt 17)
PC0
SCL (2-wire Serial Bus Clock Line)
PCINT16 (Pin Change Interrupt 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com