Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 328 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 324Page - ATMEL Corporation ATmega644PA Datasheet HTML 325Page - ATMEL Corporation ATmega644PA Datasheet HTML 326Page - ATMEL Corporation ATmega644PA Datasheet HTML 327Page - ATMEL Corporation ATmega644PA Datasheet HTML 328Page - ATMEL Corporation ATmega644PA Datasheet HTML 329Page - ATMEL Corporation ATmega644PA Datasheet HTML 330Page - ATMEL Corporation ATmega644PA Datasheet HTML 331Page - ATMEL Corporation ATmega644PA Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 468 page
background image
328
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
27. Electrical Characteristics
Absolute Maximum Ratings*
27.1
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Table 27-1.
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units
VIL
Input Low Voltage,Except
XTAL1 and Reset pin
VCC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
-0.5
-0.5
0.2VCC
(1)
0.3V
CC
(1)
V
VIL1
Input Low Voltage,
XTAL1 pin
V
CC = 1.8V - 5.5V
-0.5
0.1V
CC
(1)
V
VIL2
Input Low Voltage,
RESET pin
V
CC = 1.8V - 5.5V
-0.5
0.1V
CC
(1)
V
VIH
Input High Voltage,
Except XTAL1 and
RESET pins
VCC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
0.7VCC
(2)
0.6V
CC
(2)
VCC + 0.5
V
CC + 0.5
V
VIH1
Input High Voltage,
XTAL1 pin
V
CC = 1.8V - 2.4V
V
CC = 2.4V - 5.5V
0.8V
CC
(2)
0.7V
CC
(2)
V
CC + 0.5
V
CC + 0.5
V
VIH2
Input High Voltage,
RESET pin
V
CC = 1.8V - 5.5V
0.9V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3),
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.9
0.6
V
VOH
Output High Voltage(4),
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.2
2.3
V
IIL
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin high
(absolute value)
1µA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com