Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 456 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 456 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 452Page - ATMEL Corporation ATmega644PA Datasheet HTML 453Page - ATMEL Corporation ATmega644PA Datasheet HTML 454Page - ATMEL Corporation ATmega644PA Datasheet HTML 455Page - ATMEL Corporation ATmega644PA Datasheet HTML 456Page - ATMEL Corporation ATmega644PA Datasheet HTML 457Page - ATMEL Corporation ATmega644PA Datasheet HTML 458Page - ATMEL Corporation ATmega644PA Datasheet HTML 459Page - ATMEL Corporation ATmega644PA Datasheet HTML 460Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 468 page
background image
456
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
32.4
44MC
TITLE
DRAWING NO.
REV.
Package Drawing Contact:
packagedrawings@atmel.com
44MC
A
9/13/07
D2
E2
L
L
B15
A18
B11
A13
B10
A12
B6
A7
A6
B5
B1
B20
A1
A24
eT
L
b
R0.20
0.40
eR
A19
B16
eT/2
SIDE VIEW
A1
A
y
C
D
E
Pin 1 ID
TOP VIEW
BOTTOM VIEW
Note:
1. The terminal #1 ID is a Laser-marked Feature.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.23
0.30
C
0.20 REF
D
4.90
5.00
5.10
D2
2.55
2.60
2.65
E
4.90
5.00
5.10
E2
2.55
2.60
2.65
eT
–
0.70
–
eR
–
0.40
–
K
0.45
–
–
L
0.30
0.35
0.40
y
0.00
–
0.075
44MC, 44QFN (2-Row Staggered), 5 x 5 x 1.00 mm Body,
2.60 x 2.60 mm Exposed Pad, Quad Flat No Lead Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com