Electronic Components Datasheet Search
  English  ▼

X  

ATA8404 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA8404
Description  UHF ASK/FSK Industrial Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8404 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA8404 Datasheet HTML 2Page - ATMEL Corporation ATA8404 Datasheet HTML 3Page - ATMEL Corporation ATA8404 Datasheet HTML 4Page - ATMEL Corporation ATA8404 Datasheet HTML 5Page - ATMEL Corporation ATA8404 Datasheet HTML 6Page - ATMEL Corporation ATA8404 Datasheet HTML 7Page - ATMEL Corporation ATA8404 Datasheet HTML 8Page - ATMEL Corporation ATA8404 Datasheet HTML 9Page - ATMEL Corporation ATA8404 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
9136C–INDCO–10/09
ATA8404/ATA8405 [Preliminary]
4.1
Transmission with ENABLE = open
4.1.1
ASK Mode
The ATA8404/ATA8405 is activated by ENABLE = open, FSK = High, ASK = Low. The micro-
controller is then switched to external clocking. After typically 0.6 ms, the CLK driver is
activated automatically (i.e., the microcontroller waits until the XTO and CLK are ready). After
another time period of
≤ 250 µs, the PLL is locked and ready to transmit. The output power can
then be modulated by means of pin ASK. After transmission, ASK is switched to Low and the
microcontroller returns back to internal clocking. Then, the ATA8404/ATA8405 is switched to
power-down mode with FSK = Low.
Figure 4-1.
Timing ASK Mode with ENABLE not Connected to the Microcontroller
4.1.2
FSK Mode
The ATA8404/ATA8405 is activated by FSK = High, ASK = Low. The microcontroller is then
switched to external clocking. After typically 0.6 ms, the CLK driver is activated automatically
(i.e., the microcontroller waits until the XTO and CLK are ready. After another time period of
≤ 250 µs, the PLL is locked and ready to transmit. The power amplifier is switched on with
ASK = H. The ATA8404/ATA8405 is then ready for FSK modulation. The microcontroller starts
to switch on and off the capacitor between the crystal load capacitor and GND by means of pin
FSK, thus, changing the reference frequency of the PLL. IF FSK = L the output frequency is
lower; if FSK = H the output frequency is higher. After transmission, FSK stays High and ASK
is switched to Low and the microcontroller returns back to internal clocking. Then, the
ATA8404/ATA8405 is switched to power-down mode with FSK = Low.
Figure 4-2.
Timing FSK Mode with ENABLE not Connected to the Microcontroller
FSK
CLK
Power-up,
PA off
ASK
ΔT
XTO
Power-down
Power-up,
PA on
(High)
> 250 µs
Power-down
Power-up,
PA off
(Low)
FSK
CLK
Power-up,
PA off
ASK
ΔT
XTO
Power-down
Power-up,
PA on
(f
RF = High)
> 250 µs
Power-down
Power-up,
PA off
(f
RF = Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com