Electronic Components Datasheet Search
  English  ▼

X  

1206LGCT Datasheet(PDF) 3 Page - HB Electronic Components

Part # 1206LGCT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

1206LGCT Datasheet(HTML) 3 Page - HB Electronic Components

  1206LGCT Datasheet HTML 1Page - HB Electronic Components 1206LGCT Datasheet HTML 2Page - HB Electronic Components 1206LGCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号: 1206LGCT
www.ledz.com
3/3
SMD SPECIFICATION
6、
Typical electrical/optical characteristic curves/
光电特性曲线:
30
1.5
Ambient Temperature TA ()
℃
40
Ambient Temperature TA ()
℃
0
0
20
10
40
60
20
20
0
-20
-40
80
100
0
0.5
1.0
100
80
60
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
AMBIENT TEMPERATURE
IF-Forward Current (mA)
FORWARD CURRENT
DERATING CURVE
Forward Voltage(V)
50
40
3.6
2.4
2.8
3.2
0
5
2.0
2.5
4.0
0
05
10
15
1.0
FORWARD CURRENT Vs
FORWARD VOLTAGE
25
15
10
20
5.0
2.0
3.0
4.0
20
25
2.0
70 0
60 0
650
100
75
55 0
45 0
5 00
25
0
400
50
W av e length λ (n m )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com