Electronic Components Datasheet Search
  English  ▼

X  

33879A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33879
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. 33879 Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VDD Supply Voltage
(1)
VDD
-0.3 to 7.0
VDC
CS
, DI, DO, SCLK, IN5, IN6, and EN(1)
–
-0.3 to 7.0
VDC
VPWR Supply Voltage
(1)
33879
33879A
VPWR
-16 to 40
-16 to 45
VDC
Output Clamp Energy(2)
ECLAMP
50
mJ
ESD Voltage(3)
Human Body Model 33879
Machine Model 33879
Human Body Model
33879A
Machine Model
33879A
VESD1
VESD2
VESD1
VESD2
±450
±100
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation(4)
PD
1.7
W
Thermal Resistance
Junction to Ambient
Between the Die and the Exposed Die Pad
RθJA
RθJC
71
1.2
°C/W
Peak Package Reflow Temperature During Reflow (5), (6)
TPPRT
Note 6
°C
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
Maximum output clamp energy capability at 150
°C junction temperature using single non-repetitive pulse method with I = 350 mA.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
4.
Maximum power dissipation at TA = 25°C with no heatsink used.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com