Electronic Components Datasheet Search
  English  ▼

X  

MBR5025L Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR5025L
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR5025L Datasheet(HTML) 2 Page - Motorola, Inc

  MBR5025L Datasheet HTML 1Page - Motorola, Inc MBR5025L Datasheet HTML 2Page - Motorola, Inc MBR5025L Datasheet HTML 3Page - Motorola, Inc MBR5025L Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR5025L
2
MOTOROLA
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Instantaneous Forward Voltage (1)
@ IF = 50 Amps, TC = 25°C
@ IF = 50 Amps, TC = 125°C
@ IF = 30 Amps, TC = 25°C
VF
0.62
0.58
0.54
Volts
Instantaneous Reverse Current (1)
@ Rated DC Voltage, TC = 25°C
@ Rated DC Voltage, TC = 100°C
IR
0.5
60
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle < 2.0%
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
VR, REVERSE VOLTAGE (VOLTS)
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
100
10
1
0.6
0.5
0.4
0.3
0.2
0.1
1000
0
100
10
1
0.1
0.01
10
20
30
40
TJ = 150°C
DC
100
°C
25
°C
TJ = 150°C
100
°C
25
°C
DC
70
110
60
50
40
30
20
10
0
120
130
140
150
160
0
10
8
6
4
2
0
40
80
120
160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com